Electronic Components Datasheet Search
  English  ▼

X  

ZXLB1600 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXLB1600
Description  LCD BIAS BOOST CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLB1600 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXLB1600 Datasheet HTML 1Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 2Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 3Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 4Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 5Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 6Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
ZXLB1600
LCD BIAS BOOST CONVERTER
DESCRIPTION
The ZXLB1600 DC/DC boost converter accepts an input voltage of between 1.6V and 5.5V and
provides an adjustable output voltage of up to 28V for LCD backplane bias. The device contains the
output switch and a second switch to isolate the coil from the input and provide true isolation in
shutdown mode. The output can be adjusted by means of an externally applied dc voltage, or PWM
control signal and can supply typically 10mA of output current at maximum output voltage. Higher
current is available at lower output voltages.
The input voltage range accepts a number of battery solutions, including dual dry cell and single Li-Ion
cells and PFM operation mode allows the output to be regulated with high efficiency under light or no
load conditions. The switching frequency range permits the use of miniature surface mount inductors.
The voltage control range can be modified, if required, by external resistors. A low battery comparator
is provided to indicate when the input voltage has fallen to within
±2% of a preset threshold.
FEATURES
•
Wide input voltage range: 1.6 to 5.5V
•
Adjustable output voltage up to 28V using PWM or analog control voltage
•
True shutdown (output isolated from input)
•
Internal output switch and current sense
•
Low quiescent current: (75µA max)
•
5µA (max) shutdown current (including low battery comparator)
•
Up to 500kHz switching frequency (PFM)
•
85% efficiency
•
Low battery flag
•
Small MSOP10 package
•
Low external component count
APPLICATIONS
•
PDAs
•
Mobile Phones
•
Digital Cameras
•
Portable Internet Appliances
•
Notebook and Palmtop computers
ORDERING INFORMATION
DEVICE
DEVICE DESCRIPTION
TEMPERATURE RANGE
PART MARK
TAPING
OPTIONS
ZXLB1600X10
Boost converter for LCD
bias in MSOP10
0
°C to 70 °C
ZXLB1600
TA, TC
TA reels 500 devices, TC reels 2500 devices
DRAFT ISSUE J January 2002
ZXLB1600


Similar Part No. - ZXLB1600

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLB1600 ZETEX-ZXLB1600 Datasheet
223Kb / 16P
LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
logo
Diodes Incorporated
ZXLB1600 DIODES-ZXLB1600 Datasheet
232Kb / 16P
LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
SEPTEMBER 2003
logo
Zetex Semiconductors
ZXLB1600X10TA ZETEX-ZXLB1600X10TA Datasheet
223Kb / 16P
LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
logo
Diodes Incorporated
ZXLB1600X10TA DIODES-ZXLB1600X10TA Datasheet
232Kb / 16P
LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
SEPTEMBER 2003
logo
Zetex Semiconductors
ZXLB1600X10TC ZETEX-ZXLB1600X10TC Datasheet
223Kb / 16P
LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
More results

Similar Description - ZXLB1600

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1744 MICROSEMI-LX1744 Datasheet
571Kb / 16P
Dual Output Boost - LED Driver / LCD Bias
logo
Rohm
BD8151EFV ROHM-BD8151EFV Datasheet
397Kb / 6P
TFT-LCD Bias Boost Converter Including Quad Buffers and VCOM
BD8152FVM ROHM-BD8152FVM Datasheet
355Kb / 6P
TFT-LCD Bias Boost Converter
BD8157EFV ROHM-BD8157EFV Datasheet
333Kb / 6P
TFT-LCD Bias Boost Converter Including Quad Buffers and VCOM
BD8158FVM ROHM-BD8158FVM Datasheet
302Kb / 6P
TFT-LCD Bias Boost Converter
logo
Zetex Semiconductors
ZXLB1600 ZETEX-ZXLB1600_03 Datasheet
223Kb / 16P
LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
logo
Diodes Incorporated
ZXLB1600 DIODES-ZXLB1600 Datasheet
232Kb / 16P
LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
SEPTEMBER 2003
logo
Microsemi Corporation
LX1745 MICROSEMI-LX1745_06 Datasheet
401Kb / 16P
Triple Output Boost ??LED Driver / LCD Bias
logo
Diodes Incorporated
ZXLD1615Q DIODES-ZXLD1615Q Datasheet
654Kb / 11P
AUTOMOTIVE COMPLIANT HIGH LCD BIAS GENERATOR BOOST CONVERTER
Rev 1
ZXLD1615Q DIODES-ZXLD1615Q_17 Datasheet
505Kb / 12P
AUTOMOTIVE COMPLIANT LCD BIAS GENERATOR BOOST CONVERTER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com