Electronic Components Datasheet Search
  English  ▼

X  

ZXLB1600 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXLB1600
Description  LCD BIAS BOOST CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLB1600 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXLB1600 Datasheet HTML 1Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 2Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 3Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 4Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 5Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 6Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
ZXLB1600
PIN DESCRIPTION
Pin #
Name
Description
1
ADJ
Internal or external reference voltage
2
EN
Enable input (active high)
Also used to adjust output voltage by PWM signal
3
VIN
Input voltage
4
SW
Output of high side PMOS isolation switch
5
SENSE
Output voltage sense
6
LX
Output of NMOS switch
7
LBF
Low Battery Flag output: open drain
(active low for low battery voltage)
Remains active when EN is high
8
GND
Ground
9
FB
Voltage Feedback pin for output (threshold 1.23V)
10
LBT
Low Battery flag Threshold adjust input
(threshold 1.21V)
BLOCK DIAGRAM
DRAFT ISSUE J January 2002
ZXLB1600



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com