Electronic Components Datasheet Search
  English  ▼

X  

ZXLB1600 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXLB1600
Description  LCD BIAS BOOST CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLB1600 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXLB1600 Datasheet HTML 1Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 2Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 3Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 4Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 5Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 6Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
ZXLB1600
Device Description
The device is a flyback boost regulator, working in discontinuous mode.
Device Operation
With reference to the chip block diagram and typical application circuit:
Control loop operation
When ‘EN’ is high, the control circuits become active. The high side of the coil is connected to the
input via a large PMOS isolating switch (MP) and the low side to ground via a NMOS transistor (MN).
The current in the coil is allowed to build up to an internally defined level (nominally 300mA) before
MN is turned off. The energy stored in the coil is then transferred to the output capacitor (C1) via a
Schottky diode (SD). The output voltage is sensed at pin ‘SENSE’ by internal resistors R1 and R2
(which may be shunted externally at pin ‘FB’) and compared to a reference voltage (1.23V nominal). A
comparator senses when the output voltage is above that set by the reference and its output is used
to control the ‘off’ time of the output switch. The control loop is self-oscillating, producing fixed pulses
of 10us maximum width, at a frequency that varies in proportion to the output load current. This mode
of operation is known as Pulse Frequency Modulation (PFM)
Setting output voltage
The output voltage is equal to the voltage present on the ‘ADJ’ pin of the device multiplied by the
internal resistor network factor (R1+R2)/R1. The ADJ pin is connected to the internal reference
voltage of value VADJ(NOM), and by default will give a nominal output of 28V. However, if required, the
ADJ pin may be overdriven with an external dc voltage, in order to adjust the output voltage to a value
lower than the default value.
The reference voltage on the ADJ pin is switched into a low pass filter circuit when the EN pin is high
and the output of this filter drives the comparator within the control loop. By varying the duty cycle of
the EN signal, the control loop will see a voltage, which has an average value equal to the duty cycle
multiplied by the voltage present on the ADJ pin. This provides an alternative means of adjusting the
output voltage. It also allows the device to be both turned on and adjusted with a single signal at the
‘EN’ pin. The output voltage during this mode of operation will be VADJ x (R1+R2)/R1 x duty cycle.
To reduce standby current consumption, the internal reference is turned off when no signal is present
on the ‘EN’ pin
Further control over output voltage during either mode of operation is possible by shunting the internal
resistor network comprising R1 and R2 by means of external resistors connected to the SENSE and
FB pins.
Low Battery detection
A comparator driving an open drain NMOS output transistor performs the low battery flag function.
The detection threshold (battery voltage falling) is set internally to 2V nominal, but this can be
changed by shunting the internal potential divider with two external resistors at pin ’LBT’. Operation is
such that the output transistor will be turned on when the battery voltage falls below the detection
threshold. A small amount (nominal 20mV) of hysteresis is provided to aid clean switching. The low
battery detect circuit remains active when ‘EN’ is low.
DRAFT ISSUE J January 2002
ZXLB1600



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com