Electronic Components Datasheet Search
  English  ▼

X  

ZXLB1600 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXLB1600
Description  LCD BIAS BOOST CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLB1600 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXLB1600 Datasheet HTML 1Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 2Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 3Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 4Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 5Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 6Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
ZXLB1600
Test conditions unless otherwise stated: VIN=3.0V, TAMB=25°
°°°C
Symbol Parameter
Conditions
Min Typ Max Units
Output Voltage control by dc voltage applied to ‘ADJ’ pin
VADJ (NOM)
Internal reference voltage
‘ADJ’ pin floating, ‘EN’= VIN
1.23
V
VADJ
External overdrive voltage range
on ‘ADJ’ pin for output voltage
control
0.5
VADJ
(NOM)
V
I ADJ
Input current
0.5<VADJ < VADJ (NOM)
-10
µA
VSENSE
Output voltage
‘ADJ’ pin floating, ‘EN’= VIN
27
29
V
Output Voltage control by PWM signal applied to ‘EN’ input
∆T/T
PWM duty cycle range at ‘EN’
input
10kHz < f < 100kHz, VENH =VIN
40
100
%
fLPF
Internal low pass filter cut-off
frequency
4kHz
ALPF
Filter attenuation
F=30kHz
52.5
dB
Enable input
VENL
Low level Input voltage
Device in shutdown
0.4
V
VENH
High level Input voltage
Device active
1.4
Vin
V
IENL
Low level input current
VEN =0V
-100
nA
IENH
High level input current
VEN =VIN
100
nA
Battery low comparator
IBLQ
Quiescent current
VIN =5.5V
3
µA
VBLT
Detection threshold
VIN falling
2
V
VBTOL
Threshold tolerance
+/-2
%
VBLHYS
Hysteresis
VIN rising
20
mV
VLBT
Threshold voltage on LBT pin
LBT floating
1.21
V
VLBT (max)
Maximum voltage on LBT pin
during normal device operation
Vin-
0.5
V
IBLOL
Low level output current
Output ‘on’
1
mA
VBLOL
Low level output voltage
IBLOL = 1mA
0.4
V
IBLOH
High level output current
Output ‘off’
2
µA
VBLOH
High level output voltage
Output ‘off’
29
V
DRAFT ISSUE J January 2002
ZXLB1600



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com