Electronic Components Datasheet Search
  English  ▼

X  

ZXLB1600 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXLB1600
Description  LCD BIAS BOOST CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLB1600 Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZXLB1600 Datasheet HTML 1Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 2Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 3Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 4Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 5Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 6Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
ZXLB1600
TYPICAL APPLICATION CIRCUIT
APPLICATION NOTES
Increased efficiency
If the isolation of the coil from the supply is not needed, the SW pin can be connected to VIN to
improve efficiency. This prevents power loss in the internal high-side PMOS switch.
Low Battery Flag Output, LBF
This is an open drain output that switches low when the battery voltage falls below the detection
threshold. An external pull-up resistor can be connected to this pin to allow it to interface to any
voltage up to a maximum of 29V.
Layout considerations
The FB and LBT pins are high impedance inputs, so PCB track lengths to these should be kept as
short as possible. A small capacitor (~100pF) can be connected from the FB pin to the output to
reduce output ripple and noise. Also a capacitor can be connected from the LBT pin to ground to
minimise noise pickup into the low battery comparator if required.
DRAFT ISSUE J January 2002
ZXLB1600
VIN
LBF
EN
ADJ
LX
SW
SD
GND
FB
ZXLB1600
22uH
ZHCS500
OUTPUT
C1
LBT
SENSE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com