Electronic Components Datasheet Search
  English  ▼

X  

100PS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 100PS
Description  N-channel 100 V 5.6 m廓 standard level MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

100PS Datasheet(HTML) 5 Page - NXP Semiconductors

  100PS Datasheet HTML 1Page - NXP Semiconductors 100PS Datasheet HTML 2Page - NXP Semiconductors 100PS Datasheet HTML 3Page - NXP Semiconductors 100PS Datasheet HTML 4Page - NXP Semiconductors 100PS Datasheet HTML 5Page - NXP Semiconductors 100PS Datasheet HTML 6Page - NXP Semiconductors 100PS Datasheet HTML 7Page - NXP Semiconductors 100PS Datasheet HTML 8Page - NXP Semiconductors 100PS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PSMN5R6-100PS_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 23 November 2009
5 of 13
NXP Semiconductors
PSMN5R6-100PS
N-channel 100 V 5.6 m
Ω standard level MOSFET
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID =250 µA; VGS =0V; Tj =25°C
100
-
-
V
ID =250 µA; VGS =0V; Tj =-55 °C
90
-
-
V
VGS(th)
gate-source threshold
voltage
ID =1mA; VDS= VGS; Tj =25°C;
see Figure 8 and 9
234
V
VGSth
ID =1mA; VDS= VGS; Tj =175 °C;
see Figure 9
1-
-
V
ID =1mA; VDS= VGS; Tj =-55 °C;
see Figure 9
--4.6
V
IDSS
drain leakage current
VDS =100 V; VGS =0V; Tj = 25 °C
-
0.02
1
µA
VDS =100 V; VGS =0V; Tj = 175 °C
-
-
500
µA
IGSS
gate leakage current
VGS =-20 V; VDS =0V; Tj = 25 °C
-
2
100
nA
VGS =20V; VDS =0V; Tj = 25 °C
-
2
100
nA
RDSon
drain-source on-state
resistance
VGS =10V; ID =25A; Tj = 175 °C;
see Figure 10
--15.7
m
Ω
VGS =10V; ID =25A; Tj =25°C;
see Figure 11 and 12
-4.3
5.6
m
Ω
RG
gate resistance
f = 1 MHz
-
0.97
-
Ω
Dynamic characteristics
QG(tot)
total gate charge
ID =80A; VDS =50V; VGS =10V;
see Figure 13 and 14
-
141
-
nC
QGS
gate-source charge
-
36
-
nC
QGD
gate-drain charge
-
43
-
nC
Ciss
input capacitance
VDS =50V; VGS = 0 V; f = 1 MHz;
Tj =25°C; see Figure 15 and 16
-
8061
-
pF
Coss
output capacitance
VDS =50V; VGS = 0 V; f = 1 MHz;
Tj =25°C; see Figure 15
-
561
-
pF
Crss
reverse transfer
capacitance
VDS =50V; VGS = 0 V; f = 1 MHz;
Tj =25°C; see Figure 15 and 16
-
330
-
pF
td(on)
turn-on delay time
VDS =50V; RL =0.6 Ω; VGS =10V;
RG(ext) =1.5 Ω
-31
-
ns
tr
rise time
-
46
-
ns
td(off)
turn-off delay time
-
83
-
ns
tf
fall time
-
34
-
ns
Source-drain diode
VSD
source-drain voltage
IS =25A; VGS =0V; Tj =25°C;
see Figure 17
-
0.79
1.2
V
trr
reverse recovery time
IS =25A; dIS/dt = -100 A/µs; VGS =0V;
VDS =50V
-67
-
ns
Qr
recovered charge
-
182
-
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com