Electronic Components Datasheet Search
  English  ▼

X  

100PS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 100PS
Description  N-channel 100 V 5.6 m廓 standard level MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

100PS Datasheet(HTML) 1 Page - NXP Semiconductors

  100PS Datasheet HTML 1Page - NXP Semiconductors 100PS Datasheet HTML 2Page - NXP Semiconductors 100PS Datasheet HTML 3Page - NXP Semiconductors 100PS Datasheet HTML 4Page - NXP Semiconductors 100PS Datasheet HTML 5Page - NXP Semiconductors 100PS Datasheet HTML 6Page - NXP Semiconductors 100PS Datasheet HTML 7Page - NXP Semiconductors 100PS Datasheet HTML 8Page - NXP Semiconductors 100PS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PSMN5R6-100PS
N-channel 100 V 5.6 m
Ω standard level MOSFET
Rev. 01 — 23 November 2009
Product data sheet
1.
Product profile
1.1 General description
Standard level N-channel MOSFET in a TO-220 package qualified to 175 °C. This product
is designed and qualified for use in a wide range of industrial, communications and
domestic equipment.
1.2 Features and benefits
High efficiency due to low switching
and conduction losses
Suitable for standard level gate drive
sources
1.3 Applications
DC-to-DC convertors
Load switching
Motor control
Server power supplies
1.4 Quick reference data
[1]
Continious current limited by package.
Table 1.
Quick reference
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
-
100
V
ID
drain current
Tmb =25°C; VGS =10V;
see Figure 1
[1]
-
-
100
A
Ptot
total power
dissipation
Tmb = 25 °C; see Figure 2
-
-
306
W
Static characteristics
RDSon
drain-source
on-state resistance
VGS =10V; ID =25 A;
Tj = 25 °C; see Figure 11
and 12
-4.3
5.6
m
Ω


Similar Part No. - 100PS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
100PS VISHAY-100PS Datasheet
89Kb / 7P
Aluminum Capacitors 85 °C, Miniature, Axial Lead
12-Apr-12
logo
NXP Semiconductors
100PS PHILIPS-100PS Datasheet
237Kb / 13P
N-channel 100 V 5.6 m廓 standard level MOSFET in TO220
30 November 2012
logo
Micro Commercial Compon...
100PS MCC-100PS Datasheet
331Kb / 2P
20 Amp Schottky Barrier Rectifier 100 Volts
logo
JST Mfg. Co., Ltd.
100PS-JMDSS-G-1-TF JST-100PS-JMDSS-G-1-TF Datasheet
284Kb / 3P
Board-to-board connectors
logo
All Sensors Corporation
100PSI-A-4V ASC-100PSI-A-4V Datasheet
233Kb / 7P
Amplified Middle Pressure Sensors
More results

Similar Description - 100PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN039-100YS NXP-PSMN039-100YS Datasheet
245Kb / 15P
N-channel LFPAK 100 V 39.5 m廓 standard level MOSFET
Rev. 02-2 April 2010
PSMN069-100YS PHILIPS-PSMN069-100YS Datasheet
232Kb / 15P
N-channel LFPAK 100 V 72.4 m廓 standard level MOSFET
Rev. 02-25 October 2010
BUK7K5R6-30E PHILIPS-BUK7K5R6-30E_15 Datasheet
312Kb / 13P
Dual N-channel 30 V, 5.6 m廓 standard level MOSFET
6 November 2013
PSMN5R6-100PS PHILIPS-PSMN5R6-100PS_15 Datasheet
237Kb / 13P
N-channel 100 V 5.6 m廓 standard level MOSFET in TO220
30 November 2012
logo
Nexperia B.V. All right...
PSMN5R6-100XS NEXPERIA-PSMN5R6-100XS Datasheet
364Kb / 16P
N-channel 100V 5.6 m廓 standard level MOSFET in TO220F(SOT186A)
BUK7K29-100E NEXPERIA-BUK7K29-100E Datasheet
719Kb / 13P
Dual N-channel 100 V, 24.5 m廓 standard level MOSFET
BUK7K32-100E NEXPERIA-BUK7K32-100E Datasheet
718Kb / 13P
Dual N-channel 100 V, 27.5 m廓 standard level MOSFET
BUK7K45-100E NEXPERIA-BUK7K45-100E Datasheet
722Kb / 13P
Dual N-channel 100 V, 37.6 m廓 standard level MOSFET
BUK7K5R6-30E NEXPERIA-BUK7K5R6-30E Datasheet
744Kb / 13P
Dual N-channel 30 V, 5.6 m廓 standard level MOSFET
BUK7K134-100E NEXPERIA-BUK7K134-100E Datasheet
719Kb / 13P
Dual N-channel 100 V, 121 m廓 standard level MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com