Electronic Components Datasheet Search
  English  ▼

X  

TDA9984A Datasheet(PDF) 28 Page - NXP Semiconductors

Part # TDA9984A
Description  HDMI 1.3 transmitter with 1080p upscaler embedded
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9984A Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button TDA9984A Datasheet HTML 24Page - NXP Semiconductors TDA9984A Datasheet HTML 25Page - NXP Semiconductors TDA9984A Datasheet HTML 26Page - NXP Semiconductors TDA9984A Datasheet HTML 27Page - NXP Semiconductors TDA9984A Datasheet HTML 28Page - NXP Semiconductors TDA9984A Datasheet HTML 29Page - NXP Semiconductors TDA9984A Datasheet HTML 30Page - NXP Semiconductors TDA9984A Datasheet HTML 31Page - NXP Semiconductors TDA9984A Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
TDA9984A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 15 January 2009
28 of 40
NXP Semiconductors
TDA9984A
HDMI 1.3 transmitter with 1080p upscaler embedded
8.7 I2C-bus interface
The I2C-bus pins I2C_SDA and I2C_SCL are 5 V tolerant. Pin I2C_SCL is only an input
pin. Both Fast-mode (400 kHz) and Standard-mode (100 kHz) are supported. The
registers of the TDA9984A can be accessed via the I2C-bus. All registers are R/W except
some, which cannot be read for confidentiality.
The TDA9984A is used as a slave I2C-bus device. Bits A0 and A1 of the I2C-bus device
address are externally selected by pins A0 and A1 (see Table 18).
The I2C-bus access format is shown in Figure 16.
Firstly, the master writes the TDA9984A address and the subaddress to access the
specific register, and then the data.
9.
I2C-bus registers definitions
9.1 Memory page management
The I2C-bus memory is split into several pages and the selection between pages is made
with common register CURPAGE_ADR. It is only necessary to write in this register once
to change the current page. So multiple read or write operations in the same page need a
write register CURPAGE_ADR once at the beginning.
9.2 ID version
The ID-version readable via I2C-bus is defined as follows:
Table 18.
Device address
Device address
W/R
A6
A5
A4
A3
A2
A1
A0
-
11100
pin A1
pin A0
0/1
Fig 16. I2C-bus access
001aaf292
123456789123456789123456789
SLAVE ADDRESS
SUBADDRESS
SCL
SDA
DATA
STOP
Table 19.
Memory pages
Page address
Memory page description
00h
general control
01h
scaler and PLL scaling
02h
PLL settings
09h
EDID control page
10h
InfoFrames and packets
11h
audio settings and content info packets
12h
HDCP and OTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com