Electronic Components Datasheet Search
  English  ▼

X  

TDA9984A Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA9984A
Description  HDMI 1.3 transmitter with 1080p upscaler embedded
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9984A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA9984A Datasheet HTML 6Page - NXP Semiconductors TDA9984A Datasheet HTML 7Page - NXP Semiconductors TDA9984A Datasheet HTML 8Page - NXP Semiconductors TDA9984A Datasheet HTML 9Page - NXP Semiconductors TDA9984A Datasheet HTML 10Page - NXP Semiconductors TDA9984A Datasheet HTML 11Page - NXP Semiconductors TDA9984A Datasheet HTML 12Page - NXP Semiconductors TDA9984A Datasheet HTML 13Page - NXP Semiconductors TDA9984A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
[1]
Double edge means both rising and falling edges.
Table 5.
Inputs of video input formatter
Space color Format
Channels
Sync
Rising
edge
Falling
edge
Double
edge[1]
Transmission
input format
Pixel clock
(MHz)
Maximum
input format
Reference
RGB
4:4:4
3
× 8-bit
external
X
-
150 MHz
-
Section 8.1.2.1
X
-
150 MHz
-
embedded
X
-
150 MHz
-
X
-
150 MHz
-
YCbCr
4 : 4 : 4
3
× 8-bit
external
X
-
150 MHz
-
Section 8.1.2.2
X
-
150 MHz
-
embedded
X
-
150 MHz
-
X
-
150 MHz
-
YCbCr
4 : 2 : 2
up to 1
× 12-bit
semi-planar
external
X
ITU656-like
54.054 MHz
480p/576p
Section 8.1.2.3
X
ITU656-like
54.054 MHz
480p/576p
X
ITU656-like
27.027 MHz
480p/576p
Section 8.1.2.4
embedded
X
ITU656-like
54.054 MHz
480p/576p
Section 8.1.2.5
X
ITU656-like
54.054 MHz
480p/576p
X
ITU656-like
27.027 MHz
480p/576p
Section 8.1.2.6
up to 2
× 12-bit
semi-planar
external
X
SMPTE293M
148.5 MHz
1080p
Section 8.1.2.7
X
SMPTE293M
148.5 MHz
1080p
embedded
X
SMPTE293M
148.5 MHz
1080p
Section 8.1.2.8
X
SMPTE293M
148.5 MHz
1080p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com