Electronic Components Datasheet Search
  English  ▼

X  

TDA9984A Datasheet(PDF) 36 Page - NXP Semiconductors

Part # TDA9984A
Description  HDMI 1.3 transmitter with 1080p upscaler embedded
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9984A Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button TDA9984A Datasheet HTML 32Page - NXP Semiconductors TDA9984A Datasheet HTML 33Page - NXP Semiconductors TDA9984A Datasheet HTML 34Page - NXP Semiconductors TDA9984A Datasheet HTML 35Page - NXP Semiconductors TDA9984A Datasheet HTML 36Page - NXP Semiconductors TDA9984A Datasheet HTML 37Page - NXP Semiconductors TDA9984A Datasheet HTML 38Page - NXP Semiconductors TDA9984A Datasheet HTML 39Page - NXP Semiconductors TDA9984A Datasheet HTML 40Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
TDA9984A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 15 January 2009
36 of 40
NXP Semiconductors
TDA9984A
HDMI 1.3 transmitter with 1080p upscaler embedded
14. Package outline
Fig 18. Package outline SOT841-4 (HTQFP80)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT841-4
MS-026
SOT841-4
06-04-25
06-06-20
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included
UNIT
A
max
mm
1.2
0.15
0.05
1.05
0.95
0.27
0.17
0.20
0.09
12.1
11.9
12.1
11.9
14.15
13.85
14.15
13.85
0.75
0.45
1.45
1.05
1.45
1.05
A1
DIMENSIONS (mm are the original dimensions)
HTQFP80: plastic thermal enhanced thin quad flat package; 80 leads; body 12 x 12 x 1 mm; exposed die pad
80
21
61
40
120
60
41
bp
bp
D
HD
EHE
B
A
Dh
Eh
y
ZD
ZE
e
e
w M
w M
pin 1 index
vB
M
vA
M
c
exposed die pad
X
θ
A
Lp
detail X
L
(A3)
A2
A1
0
5
10 mm
scale
A2
A3
0.25
bp
c
D(1)
E(1)
e
0.5
HD
4.79
4.69
Dh
4.79
4.69
Eh
HE
L
1
Lp
v
0.2
w
0.08
y
0.1
ZD(1) ZE(1)
θ
7°
0°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com