Electronic Components Datasheet Search
  English  ▼

X  

TDA9984A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA9984A
Description  HDMI 1.3 transmitter with 1080p upscaler embedded
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9984A Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA9984A Datasheet HTML 1Page - NXP Semiconductors TDA9984A Datasheet HTML 2Page - NXP Semiconductors TDA9984A Datasheet HTML 3Page - NXP Semiconductors TDA9984A Datasheet HTML 4Page - NXP Semiconductors TDA9984A Datasheet HTML 5Page - NXP Semiconductors TDA9984A Datasheet HTML 6Page - NXP Semiconductors TDA9984A Datasheet HTML 7Page - NXP Semiconductors TDA9984A Datasheet HTML 8Page - NXP Semiconductors TDA9984A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
TDA9984A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 15 January 2009
3 of 40
NXP Semiconductors
TDA9984A
HDMI 1.3 transmitter with 1080p upscaler embedded
4.
Quick reference data
[1]
The maximum current consumption is in this configuration for this group of pins.
[2]
Video format:
a) Input 1080i, YCbCr 4 : 2 : 2 embedded sync, 48 kHz S/PDIF 2 channels.
b) Output 1080p, YCbCr 4:2:2, 48 kHz S/PDIF.
[3]
Video format:
a) Input 480p, ITU656 embedded sync, 48 kHz S/PDIF 2 channels.
b) Output 1080p, YCbCr 4:2:2, 48 kHz S/PDIF.
[4]
Video format:
a) Input 1080p, YCbCr 4 :2:2 embedded sync, 48 kHz S/PDIF 2 channels.
b) Output 1080p, YCbCr 4:2:2, 48 kHz S/PDIF.
5.
Ordering information
[1]
A lead-free package is required to comply with the new legislation.
Table 1.
Quick reference data
VDD(3V3) = 3.3 V; VDD(1V8) = 1.8 V; VPP = 0 V; Tamb = −5 °Cto+85 °C; unless otherwise specified.
Typical values are measured at Tamb =25 °C and fclk = 150 MHz.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VPP
programming voltage
5.0
5.25
5.5
V
VDDA(FRO)(3V3)
free running oscillator analog supply
voltage (3.3 V)
3.0
3.3
3.6
V
VDDA(PLL)(3V3)
PLL analog supply voltage (3.3 V)
3.0
3.3
3.6
V
VDDD(3V3)
digital supply voltage (3.3 V)
3.0
3.3
3.6
V
VDDH(3V3)
HDMI supply voltage (3.3 V)
3.0
3.3
3.6
V
VDDC(1V8)
core supply voltage (1.8 V)
1.65
1.8
1.95
V
VDDA(PLL)(1V8)
PLL analog supply voltage (1.8 V)
1.65
1.8
1.95
V
Pcons
power consumption
input 480p, output 1080p
[1][3] -
500
630
mW
input 1080i, output 1080p
[1][2] -
742
940
mW
input 1080p, output 1080p
[1][4] -
320
400
mW
Ptot
total power dissipation
TMDS output current added
input 480p, output 1080p
[1][3] -
630
770
mW
input 1080i, output 1080p
[1][2] -
872
1080
mW
input 1080p, output 1080p
[1][4] -
450
540
mW
Ppd
power dissipation in power-down mode
-
30
40
mW
Table 2.
Ordering information
Type number
Package[1]
Name
Description
Version
TDA9984AHW HTQFP80
plastic thermal enhanced thin quad flat package;
80 leads; body 12
× 12 × 1 mm; exposed die pad
SOT841-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com