Electronic Components Datasheet Search
  English  ▼

X  

TDA9984A Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA9984A
Description  HDMI 1.3 transmitter with 1080p upscaler embedded
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9984A Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA9984A Datasheet HTML 7Page - NXP Semiconductors TDA9984A Datasheet HTML 8Page - NXP Semiconductors TDA9984A Datasheet HTML 9Page - NXP Semiconductors TDA9984A Datasheet HTML 10Page - NXP Semiconductors TDA9984A Datasheet HTML 11Page - NXP Semiconductors TDA9984A Datasheet HTML 12Page - NXP Semiconductors TDA9984A Datasheet HTML 13Page - NXP Semiconductors TDA9984A Datasheet HTML 14Page - NXP Semiconductors TDA9984A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
TDA9984A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 15 January 2009
11 of 40
NXP Semiconductors
TDA9984A
HDMI 1.3 transmitter with 1080p upscaler embedded
8.1.2.1
RGB 4:4:4 external sync input (rising edge)
Table 6.
RGB 4 :4:4 mapping
Register VIP_CNTRL_0 = 23h; VIP_CNTRL_1 = 45h; VIP_CNTRL_2 = 01h.
Video port A
Video port B
Video port C
Control
Pin
RGB 4 : 4 : 4
Pin
RGB 4 : 4 : 4
Pin
RGB 4 : 4 : 4
Pin
RGB 4 :4:4
VPA[0]
B[0]
VPB[0]
G[0]
VPC[0]
R[0]
HSYNC/HREF
used
VPA[1]
B[1]
VPB[1]
G[1]
VPC[1]
R[1]
VSYNC/VREF
used
VPA[2]
B[2]
VPB[2]
G[2]
VPC[2]
R[2]
DE/FREF
used
VPA[3]
B[3]
VPB[3]
G[3]
VPC[3]
R[3]
VPA[4]
B[4]
VPB[4]
G[4]
VPC[4]
R[4]
VPA[5]
B[5]
VPB[5]
G[5]
VPC[5]
R[5]
VPA[6]
B[6]
VPB[6]
G[6]
VPC[6]
R[6]
VPA[7]
B[7]
VPB[7]
G[7]
VPC[7]
R[7]
DE could also be generated from HSYNC/HREF and VSYNC/VREF
Fig 4.
Pixel encoding RGB 4 : 4 : 4 external sync input (rising edge)
001aag380
Bxxx[7:0]
Bxxx[7:0]
...
B3[7:0]
B2[7:0]
B1[7:0]
B0[7:0]
HSYNC/HREF
VSYNC/VREF
DE/FREF
Gxxx[7:0]
Gxxx[7:0]
...
G3[7:0]
G2[7:0]
G1[7:0]
G0[7:0]
Rxxx[7:0]
Rxxx[7:0]
...
R3[7:0]
R2[7:0]
R1[7:0]
R0[7:0]
CONTROL
INPUTS
VPA[7:0]
VCLK
VPB[7:0]
VPC[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com