Electronic Components Datasheet Search
  English  ▼

X  

MPR121 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPR121_10 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
MPR121
Sensors
24
Freescale Semiconductor
Note: In most cases the CDT in this register is not used. It will normally be auto-configured as described in AN3889
While the 1 ms to 128 ms does affect the filtering, the main purposed of adjusting the sample rate would be to change the
average current consumption of the device. Figure 22 illustrates this adjustment.
Figure 22.
From this, it can be seen that the 12
μs up time from the 1 ms samples results in a very low percent of duty cycle. This results
in a very low average current consumption.
Table 21. Filter Configuration Register Field Descriptions
Field
Description
7:5
CDT
Charge Discharge Time – The Charge Discharge Time field selects the amount of
time an electrode charges and discharges.
000 Encoding 0 – Invalid
001 Encoding 1 – Time is set to 0.5
μs
010 Encoding 2 – Time is set to 1
μs
~
111 Encoding 7 – Time is set to 32
μs.
4:3
SFI
Second Filter Iterations – The Second Filter Iterations field selects the number of
samples taken for the second level filter.
00 Encoding 0 – Number of samples is set to 4
01 Encoding 1 – Number of samples is set to 6
10 Encoding 2 – Number of samples is set to 10
11 Encoding 3 – Number of samples is set to 18
2:0
ESI
Electrode Sample Interval – The Electrode Sample Interval field selects the period
between samples used for the second level of filtering.
000 Encoding 0 – Period set to 1 ms
001 Encoding 1 – Period set to 2 ms
~
111 Encoding 7 – Period set to 128 ms
TIME (ms)
01 ms
3 ms
First Filter
2 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com