Electronic Components Datasheet Search
  English  ▼

X  

MPR121 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MPR121_10 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
MPR121
Sensors
42
Freescale Semiconductor
7.0
AFE and Filter Configuration Register
The last two registers relevant to proximity detection are the AFE Configuration Register and Filter Configuration Register.
These two registers set the numbers of samples for the 2 level filters and the sampling interval for the second level filter.
The FFI[1:0], SFI[1:0] and ESI[2:0] bits in the registers are those related to the first filter, second filter and sample interval
respectively. These two registers are powered up with default setting of 0x24 and 0x10 respectively. The default setting is already
workable for proximity sensing, but since ESI[2:0] is 100, the sampling interval is at 16 ms. If lower power consumption is desired,
the user can adjust it to the value to find a balance between the proximity detection response time current consumption. For a
detailed explanation on these registers, please refer to Freescale application note AN3890.
OTHER DESIGN CONSIDERATIONS
1. Remember the paralleled plate capacitor model when considering the proximity detection. Larger sensing area (the
effective sensing area formed by the sensing pad and material under detection, e.g. the surface area of hand projected to
the sensing pad) gives longer proximity sensing distance.
2. The electric energy store in the capacitance (thus the strength of the sensing field) is proportional to the square of the
voltage potential applied. Setting the auto-configure target level as high as possible will help extend the proximity sensing
range.
3. Since increasing the sensing pad area also has the problem of making it easier to receive the electric noise. It’s possible
that the original solid sensing pad can be replaced by a series of circles or x hatch patterns.
Refer to Freescale application note AN3863 for more detailed discussion on electrode and layout design considerations.
Table 42. Filter Configuration Registers 0x5D (Reset Default: 0x24)
0x5D
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
CDT[2:0]
SFI[1:0]
ESI[2:0]
Table 43. AFE Configuration Registers 0x5C (Reset Default: 0x10)
0x5C
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
FFI[1:0]
CDC[4:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com