Electronic Components Datasheet Search
  English  ▼

X  

MPR121 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MPR121_10 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 57Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
MPR121
Sensors
Freescale Semiconductor
53
Section E
Section F
CONCLUSION
In many applications for the MPR121, the default settings presented in this document will be sufficient for both design time
activities as well as in the production implementation.
Register Address
Register Name
Value
Application Note
0x5E
Electrode Configuration
0x0C
AN3890
Description: This register controls the number of electrodes being enabled and the mode the device is in. There
are only two modes, Standby (when the value is 0x00) and Run (when the value of the lower bit is
non-zero). The default value shown enables all 12 electrodes by writing decimal 12 or hex 0x0C to
the register. Typically other registers cannot be changed while the part is running so this register
should always be written last.
Variation: During debug of a system, this register will change between the number of electrodes and 0x00
every time a register needs to change. In a production system, this register will only need to be
written when the mode is changed from Standby to Run or vise versa.
Register Address
Register Name
Value
Application Note
0x7B
AUTO-CONFIG Control Register 0
0x0B
AN3889
0x7D
AUTO-CONFIG USL Register
0x9C
AN3889
0x7E
AUTO-CONFIG LSL Register
0x65
AN3889
0x7F
AUTO-CONFIG Target Level Register
0x8C
AN3889
Description: These are the settings used for the Auto Configuration. They enable AUTO-CONFIG and
AUTO_RECONFIG. In addition they set the target range for the baseline. The upper limit is set to
190, the target is set to 180 and the lower limit is set to 140.
Variation: In most cases these values will never need to be change, but if a case arises, a full description is
found in application note AN3889.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com