Electronic Components Datasheet Search
  English  ▼

X  

MPR121 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MPR121_10 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
MPR121
Sensors
Freescale Semiconductor
43
AN3894: MPR121 GPIO and LED Driver Function
INTRODUCTION
MPR121 is a feature rich second generation touch sensor controller after Freescale’s initial release of the MPR03x series de-
vice. MPR121 not only has priority unique features like independent electrode auto configuration (refer to AN3889), 13th simu-
lated pseudo electrode for proximity detection (refer to AN3893), it also has 8 GPIO ports with LED driver capability. The GPIO
and LED driver function can be used when not all the 12 input sensing channels are occupied for touch sensing detection, which
is made possible by internal multiplexed pin structure. This increaseS the cost efficiency of the system and makes the MPR121
fit for even wider application.
MULTIFUNCTION PINS
MPR121 has 12 input sensing channels ELE0~ELE11, which occupies pin 8 to pin 19. Among these, pin 12 to pin 19 are mul-
tifunction pins. When these multifunction pins are not configured as electrodes, they may be used to drive LED or for general
GPIO purpose.
Figure 46. Configuration 1: MPR121 runs from a 1.71 V to 2.75 V supply.
PIN #
8
9
10
11
12
13
14
15
16
17
18
19
ELECTRODE
ELE0
ELE1
ELE2
ELE3
ELE4
ELE5
ELE6
ELE7
ELE8
ELE9
ELE10
ELE11
GPIO
—
—
—
—
GPIO0
GPIO1
GPIO2
GPIO3
GPIO4
GPIO5
GPIO6
GPIO7
20
6
5
1
2
3
4
7
19
18
17
16
15
14
13
12
11
10
9
8
VDD
VDD
ELE11/LED7
GND
0.1
μF
GND
1.71 V to 2.75 V
VDD
1.71 V to 2.75 V
VSS
VREG
IRQ
SCL
SDA
ADDR
REXT
ELE10/LED6
ELE9/LED5
ELE8/LED4
ELE7/LED3
ELE6/LED2
ELE5/LED1
ELE4/LED0
ELE3
ELE2
ELE1
ELE0
MPR121Q
TOUCH SENSOR
75 k
Ω 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com