Electronic Components Datasheet Search
  English  ▼

X  

MPR121 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MPR121_10 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
MPR121
Sensors
Freescale Semiconductor
27
NOISE HALF DELTA (NHD)
Figure 25. Noise Half Delta Register
NOISE COUNT LIMIT (NCL)
Figure 26. Noise Count Limit Register
7
6
543210
R0
0
NHD
W
Reset:
0
0
000000
= Unimplemented
Table 23. Noise Half Delta Register Field Descriptions
Field
Description
5:0
NHD
Noise Half Delta – The Noise Half Delta determines the incremental change when
non-noise drift is detected.
000000 DO NOT USE THIS CODE
000001 Encoding 1 – Sets the Noise Half Delta to 1
~
111111 Encoding 63 – Sets the Noise Half Delta to 63
7
6
543210
R
NCL
W
Reset:
0
0
000000
= Unimplemented
Table 24. Noise Count Limit Register Field Descriptions
Field
Description
7:0
NCL
Noise Count Limit – The Noise Count Limit determines the number of samples consecutively greater
than the Max Half Delta necessary before it can be determined that it is non-noise.
00000000 Encoding 0 – Sets the Noise Count Limit to 1 (every time over Max Half Delta)
00000001 Encoding 1 – Sets the Noise Count Limit to 2 consecutive samples over Max Half Delta
~
11111111 Encoding 255 – Sets the Noise Count Limit to 255 consecutive samples over Max Half Delta



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com