Electronic Components Datasheet Search
  English  ▼

X  

HT68F03 Datasheet(PDF) 50 Page - Holtek Semiconductor Inc

Part # HT68F03
Description  Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F03 Datasheet(HTML) 50 Page - Holtek Semiconductor Inc

Back Button HT68F03 Datasheet HTML 46Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 47Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 48Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 49Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 50Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 51Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 52Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 53Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 54Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 139 page
background image
HT66F03/HT66F04/HT68F03/HT68F04
Rev. 1.00
50
April 16, 2010
· PRM Register
¨ HT66F03/HT68F03/HT68F04
Bit
76543210
Name
PRML3
PRML2
PRML1
PRML0
¾
PRMS2
PRMS1
PRMS0
R/W
R/W
R/W
R/W
R/W
¾
R/W
R/W
R/W
POR
0101
¾
000
Bit 7~4
PRML3~PRML0: pin-remapping function lock bits (default: 0101)
1010: PRM register write operation is enabled
Others: PRM register write operation is disabled
Bit 3
Unimplemented, read as
²0²
Bit 2
PRMS2: INT/TCK1 pin-remapping function selection bit
1: INT on PA7, TCK1 on PA7.
0: INT on PA3, TCK1 on PA3.
Bit 1~0
PRMS1~PRMS0: pin-remapping function selection bits
0x: TP0 on PA3, TP1/TCK0 on PA4.
10: TP0 on PA5, TP1/TCK0 on PA6.
11: TP0 on PA2, TP1/TCK0 on PA7.
· HT66F04
Bit
76543210
Name
PRML3
PRML2
PRML1
PRML0
¾
PRMS2
PRMS1
PRMS0
R/W
R/W
R/W
R/W
R/W
¾
R/W
R/W
R/W
POR
0101
¾
000
Bit 7~4
PRML3~PRML0: pin-remapping function lock bits (default: 0101)
1010: PRM register write operation is enabled
Others: PRM register write operation is disabled
Bit 3
Unimplemented, read as
²0²
Bit 2
PRMS2: INT/TCK1 pin-remapping function selection bit
1: INT on PA7, TCK1 on PA7.
0: INT on PA3, TCK1 on PA3.
Bit 1~0
PRMS1~PRMS0: pin-remapping function selection bits
00: TP0/TCK2 on PA3, TP1/TCK0 on PA4, TP2B on PA5, TP2A on PA6
01: TP0/TCK2 on PA3, TP1/TCK0 on PA4, TP2B on PA0, TP2A on PA1
10: TP0/TCK2 on PA5, TP1/TCK0 on PA6, TP2B on PA2, TP2A on PA7
11: TP0/TCK2 on PA2, TP1/TCK0 on PA7, TP2B on PA5, TP2A on PA6
I/O Pin Structures
The accompanying diagrams illustrate the internal
structures of some generic I/O pin types. As the exact
logical construction of the I/O pin will differ from these
drawings, they are supplied as a guide only to assist
with the functional understanding of the I/O pins. The
wide range of pin-shared structures does not permit all
types to be shown.
Programming Considerations
Within the user program, one of the first things to con-
sider is port initialisation. After a reset, all of the I/O data
and port control register will be set high. This means that
all I/O pins will default to an input state, the level of which
depends on the other connected circuitry and whether
pull-high selections have been chosen. If the port con-
trol register, PAC, is then programmed to setup some
pins as outputs, these output pins will have an initial high
output value unless the associated port data register,
PA, is first programmed. Selecting which pins are inputs
and which are outputs can be achieved byte-wide by
loading the correct values into the appropriate port con-
trol register or by programming individual bits in the port
control register using the
²SET [m].i² and ²CLR [m].i² in-
structions. Note that when using these bit control in-
structions, a read-modify-write operation takes place.
The microcontroller must first read in the data on the en-
tire port, modify it to the required new bit values and then
rewrite this data back to the output ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com