Electronic Components Datasheet Search
  English  ▼

X  

HT68F03 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT68F03
Description  Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F03 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT68F03 Datasheet HTML 15Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 16Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 17Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 18Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 19Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 20Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 21Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 22Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 139 page
background image
HT66F03/HT66F04/HT68F03/HT68F04
Rev. 1.00
19
April 16, 2010
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
I A R 0
M P 0
I A R 1
M P 1
B P
A C C
P C L
T B L P
T B L H
T B H P
S T A T U S
S M O D
L V D C
I N T E G
I N T C 0
I N T C 1
I N T C 2
M F I 0
M F I 1
M F I 2
P A
P A C
P A P U
P A W K U P
P R M
U n u s e d
W D T C
T B C
U n u s e d
U n u s e d
E E A
E E D
2 0 H
2 1 H
2 2 H
2 3 H
2 4 H
2 5 H
2 6 H
2 7 H
2 8 H
2 9 H
2 A H
2 B H
2 C H
2 D H
2 E H
2 F H
3 0 H
3 1 H
3 2 H
3 3 H
3 4 H
3 5 H
3 6 H
3 7 H
3 8 H
3 9 H
3 A H
3 B H
3 C H
3 D H
3 E H
3 F H
A D R L
A D R H
A D C R 0
A D C R 1
A C E R L
C P C
U n u s e d
U n u s e d
T M 0 C 0
T M 0 C 1
T M 0 D L
T M 0 D H
T M 0 A L
T M 0 A H
T M 1 C 0
T M 1 C 1
T M 1 D L
T M 1 D H
T M 1 A L
T M 1 A H
T M 2 C 0
T M 2 C 1
T M 2 C 2
T M 2 D L
T M 2 D H
T M 2 A L
T M 2 A H
T M 2 B L
T M 2 B H
U n u s e d
U n u s e d
U n u s e d
B a n k 0 & B a n k 1
B a n k 0 & B a n k 1
HT66F04 Special Purpose Data Memory
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
I A R 0
M P 0
I A R 1
M P 1
B P
A C C
P C L
T B L P
T B L H
T B H P
S T A T U S
S M O D
L V D C
I N T E G
I N T C 0
I N T C 1
I N T C 2
M F I 0
U n u s e d
M F I 2
P A
P A C
P A P U
P A W K U P
P R M
U n u s e d
W D T C
T B C
U n u s e d
U n u s e d
E E A
E E D
2 0 H
2 1 H
2 2 H
2 3 H
2 4 H
2 5 H
2 6 H
2 7 H
2 8 H
2 9 H
2 A H
2 B H
2 C H
2 D H
2 E H
2 F H
3 0 H
3 1 H
3 2 H
3 3 H
3 4 H
3 5 H
3 6 H
3 7 H
3 8 H
3 9 H
3 A H
3 B H
3 C H
3 D H
3 E H
3 F H
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
C P C
U n u s e d
U n u s e d
T M 0 C 0
T M 0 C 1
T M 0 D L
T M 0 D H
T M 0 A L
T M 0 A H
T M 1 C 0
T M 1 C 1
T M 1 D L
T M 1 D H
T M 1 A L
T M 1 A H
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
B a n k 0 & B a n k 1
B a n k 0 & B a n k 1
HT68F03/HT68F04 Special Purpose Data Memory
G e n e r a l
P u r p o s e
D a t a M e m o r y
4 0 H
E E C
7 F H
H T 6 6 F 0 3 / H T 6 8 F 0 3
U n u s e d
G e n e r a l
P u r p o s e
D a t a M e m o r y
4 0 H
E E C
9 F H
H T 6 6 F 0 4 / H T 6 8 F 0 4
U n u s e d
General Purpose Data Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com