Electronic Components Datasheet Search
  English  ▼

X  

HT68F03 Datasheet(PDF) 76 Page - Holtek Semiconductor Inc

Part # HT68F03
Description  Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F03 Datasheet(HTML) 76 Page - Holtek Semiconductor Inc

Back Button HT68F03 Datasheet HTML 72Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 73Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 74Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 75Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 76Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 77Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 78Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 79Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 80Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 139 page
background image
HT66F03/HT66F04/HT68F03/HT68F04
Rev. 1.00
76
April 16, 2010
Enhanced Type TM Register Description
Overall operation of the Enhanced TM is controlled using a series of registers. A read only register pair exists to store
the internal counter 10-bit value, while two read/write register pairs exist to store the internal 10-bit CCRA and CCRB
value. The remaining three registers are control registers which setup the different operating and control modes as well
as the three CCRP bits.
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TM2C0
T2PAU
T2CK2
T2CK1
T2CK0
T2ON
T2RP2
T2RP1
T2RP0
TM2C1
T2AM1
T2AM0
T2AIO1
T2AIO0
T2AOC
T2APOL
T2CDN
T2CCLR
TM2C2
T2BM1
T2BM0
T2BIO1
T2BIO0
T2BOC
T2BPOL
T2PWM1
T2PWM0
TM2DL
D7
D6
D5
D4
D3
D2
D1
D0
TM2DH
¾¾¾¾¾¾
D9
D8
TM2AL
D7
D6
D5
D4
D3
D2
D1
D0
TM2AH
¾¾¾¾¾¾
D9
D8
TM2BL
D7
D6
D5
D4
D3
D2
D1
D0
TM2BH
¾¾¾¾¾¾
D9
D8
10-bit Enhanced TM Register List
· 10-bit Enhanced TM Register List - HT66F04
¨ TM2C0 Register
Bit
76543210
Name
T2PAU
T2CK2
T2CK1
T2CK0
T2ON
T2RP2
T2RP1
T2RP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7
T2PAU: TM2 Counter Pause Control
0: run
1: pause
The counter can be paused by setting this bit high. Clearing the bit to zero restores normal
counter operation. When in a Pause condition the TM will remain powered up and continue to
consume power. The counter will retain its residual value when this bit changes from low to high
and resume counting from this value when the bit changes to a low value again.
Bit 6~4
T2CK2~T2CK0: Select TM2 Counter clock
000: fSYS/4
001: fSYS
010: fH/16
011: fH/64
100: fTBC
101: Reserved
110: TCK2 rising edge clock
111: TCK2 falling edge clock
These three bits are used to select the clock source for the TM. Selecting the Reserved clock
input will effectively disable the internal counter. The external pin clock source can be chosen to
be active on the rising or falling edge. The clock source fSYS is the system clock, while fH and
fTBC are other internal clocks, the details of which can be found in the oscillator section.
Bit 3
T2ON: TM2 Counter On/Off Control
0: Off
1: On
This bit controls the overall on/off function of the TM. Setting the bit high enables the counter to
run, clearing the bit disables the TM. Clearing this bit to zero will stop the counter from counting
and turn off the TM which will reduce its power consumption. When the bit changes state from
low to high the internal counter value will be reset to zero, however when the bit changes from
high to low, the internal counter will retain its residual value until the bit returns high again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com