Electronic Components Datasheet Search
  English  ▼

X  

TUSB1310 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310
Description  USB 3.0 Transceiver Data Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TUSB1310 Datasheet HTML 28Page - Texas Instruments TUSB1310 Datasheet HTML 29Page - Texas Instruments TUSB1310 Datasheet HTML 30Page - Texas Instruments TUSB1310 Datasheet HTML 31Page - Texas Instruments TUSB1310 Datasheet HTML 32Page - Texas Instruments TUSB1310 Datasheet HTML 33Page - Texas Instruments TUSB1310 Datasheet HTML 34Page - Texas Instruments TUSB1310 Datasheet HTML 35Page - Texas Instruments TUSB1310 Datasheet HTML 36Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
TUSB1310
SLLSE16B – DECEMBER 2009 – REVISED JUNE 2010
www.ti.com
Table 6-6. ULPI Transmit Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
Tsc8, Tsd8
ULPI_STP setup time
6
ns
Thc8, Thd8
ULPI_STP hold time
0
ns
6.4.7
ULPI Receive Timing
Figure 6-5. ULPI Receive Timing
Table 6-7. ULPI Transmit Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
Tdc9, Tdd9
ULPI_DIR/ULPI_NXT/ULPI_DATA7-0(1)
9
ns
(1)
Output Load max = 10 pF, min = 5 pF
6.4.8
Power State Transition Time
The P1 to P0 transition time is the amount of time for the TUSB1310 to return to P0 state, after having
been in the P1 state. This time is measured from when the MAC sets the POWER_DOWN signals to P0
until the TUSB1310 asserts PHY_STATUS. The TUSB1310 asserts PHY_STATUS when it is ready to
begin data transmission and reception.
The P2 to P0 transition time is the amount of time for the TUSB1310 to return to the P0 state, after having
been in the P2 state. This time is measured from when the MAC sets the POWER_DOWN signals to P0
until the TUSB1310 asserts PHY_STATUS. The TUSB1310 asserts PHY_STATUS when it is ready to
begin data transmission and reception.
The P3 to P0 transition time is the amount of time for the TUSB1310 to go to P0 state, after having been
in the P3 state. Time is measured from when the MAC sets the POWER_DOWN signals to P0 until the
TUSB1310 deasserts PHY_STATUS. The TUSB1310 asserts PHY_STATUS when it is ready to begin
data transmission and reception.
34
ELECTRICAL SPECIFICATIONS
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com