Electronic Components Datasheet Search
  English  ▼

X  

TUSB1310 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310
Description  USB 3.0 Transceiver Data Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TUSB1310 Datasheet HTML 11Page - Texas Instruments TUSB1310 Datasheet HTML 12Page - Texas Instruments TUSB1310 Datasheet HTML 13Page - Texas Instruments TUSB1310 Datasheet HTML 14Page - Texas Instruments TUSB1310 Datasheet HTML 15Page - Texas Instruments TUSB1310 Datasheet HTML 16Page - Texas Instruments TUSB1310 Datasheet HTML 17Page - Texas Instruments TUSB1310 Datasheet HTML 18Page - Texas Instruments TUSB1310 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
TUSB1310
www.ti.com
SLLSE16B – DECEMBER 2009 – REVISED JUNE 2010
Table 2-8. Strapping Options (continued)
SIGNAL NAME
TYPE
BALL NO.
DESCRIPTION
Active High. Puts PIPE into isolate mode. When in the isolate mode, TUSB1310 does
not respond to packet data present at TX_DATA15-0, TXDATAK1-0 inputs and presents
a high imped-ance on the PCLK, RX_DATA15-0, RX_DATAK1-0, RX_VALID outputs.
ISO_START
S, I/O, PD
N6
When in the isolate mode, the TUSB1310 will continue to respond to ULPI. Once the
(ULPI_DATA7)
isolate mode bit in ULPI register is cleared, the USB interfaces will start transmitting
packet data on TX_DATA15-0 and driving PCLK, RX_DATA15-0, RX_DATA1-0, and
RX_VALID.
Selects ULPI data bus bit width
ULPI_8BIT
S, I/O, PD
P6
0
8-bit ULPI SDR mode
(ULPI_DATA6)
Must be set to 0.
Select input reference clock frequency for on-chip oscillator
REFCLKSEL1,
00
20 MHz on XI
REFCLKSEL0
N7
S, I/O, PD
01
25 MHz on XI
(ULPI_DATA5,
P7
10
30 MHz on XI
ULPI_DATA4)
11
40 MHz on XI
2.8
USB Interfaces
Table 2-9. USB Interface Signal Name Descriptions
SIGNAL NAME
TYPE
BALL NO.
DESCRIPTION
SSTXP
H14
O
USB SuperSpeed transmitter differential pair
SSTXM
J14
SSRXP
E14
I
USB SuperSpeed receiver differential pair
SSRXM
F14
DP
P14
I/O
USB non-SuperSpeed differential pair
DM
P13
USB VBUS pin
VBUS
I
N12
Connected through an external voltage divider.
2.9
Special Connect
Table 2-10. Special Connect Signal Descriptions
SIGNAL NAME
TYPE
BALL NO.
DESCRIPTION
High precision external resistor used for calibration. The R1 value shall be 10 k
Ω ±1%
R1EXT
O
L14
accuracy.
R1EXTRTN
I
L13
R1 ground reference. This pin is not connected to board ground.
CEXT
O
M14
Connected to an external 4.7-nF capacitor
CEXTSS
O
A14
Connected to an external 4.7-nF capacitor
D6
D5
C13
RSVD
I/O
Must be left open.
C14
K4
J4
Copyright © 2009–2010, Texas Instruments Incorporated
PIN DESCRIPTIONS
15
Submit Documentation Feedback
Product Folder Link(s): TUSB1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com