Electronic Components Datasheet Search
  English  ▼

X  

TUSB1310 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310
Description  USB 3.0 Transceiver Data Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB1310 Datasheet HTML 6Page - Texas Instruments TUSB1310 Datasheet HTML 7Page - Texas Instruments TUSB1310 Datasheet HTML 8Page - Texas Instruments TUSB1310 Datasheet HTML 9Page - Texas Instruments TUSB1310 Datasheet HTML 10Page - Texas Instruments TUSB1310 Datasheet HTML 11Page - Texas Instruments TUSB1310 Datasheet HTML 12Page - Texas Instruments TUSB1310 Datasheet HTML 13Page - Texas Instruments TUSB1310 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
TUSB1310
SLLSE16B – DECEMBER 2009 – REVISED JUNE 2010
www.ti.com
2
PIN DESCRIPTIONS
TYPE
DESCRIPTION
I
Input
O
Output
I/O
Input/output
PD, PU
Internal pull-down / pull-up
S
Strapping pin
P
Power Supply
G
Ground
2.1
Configuration Pins
The configuration pins are not latched by RESETN.
Table 2-1. Configuration Pins
SIGNAL NAME
TYPE
PIN NO.
MODE NAME
DESCRIPTION
PHY_MODE1
I, PD
H12
USB
Must be set to 0. Operates as USB 3.0 transceiver.
PHY_MODE0
I, PU
J12
USB
Must be set to 1. Operates as USB 3.0 transceiver.
2.2
PIPE
The TUSB1310 supports 16-bit SDR mode with a 250-MHz clock.
Table 2-2. PIPE Signal Description
SIGNAL NAME
TYPE
BALL NO.
DESCRIPTION
TX_DATA and TX_DATAK clock for source synchronous PIPE. This clock frequency is
TX_CLK
I
K1
the same as PCLK frequency. The rising edge of the clock is the reference for all signals.
TX_DATA15
G2
TX_DATA14
H2
TX_DATA13
H1
TX_DATA12
J2
TX_DATA11
L3
TX_DATA10
L2
TX_DATA9
M2
Parallel USB SuperSpeed data input bus.
TX_DATA8
M1
I
The 16 bits represent 2 symbols of transmit data where TX_DATA7-0 is the first symbol to
TX_DATA7
N1
be transmitted, and TX_DATA15-8 is the second symbol.
TX_DATA6
P1
TX_DATA5
N2
TX_DATA4
P2
TX_DATA3
N3
TX_DATA2
P3
TX_DATA1
N4
TX_DATA0
P5
TX_DATAK1
G1
Data/Control for the symbols of transmit data. TX_DATAK0 corresponds to the low-byte of
I
TX_DATA, TX_DATAK1 to the upper byte.
TX_DATAK0
J1
Parallel interface data clock. All data movement across the parallel PIPE is synchronous
PCLK
O
A6
to this clock. This clock operates at 250 MHz. The rising edge of the clock is the reference
for all signals.
10
PIN DESCRIPTIONS
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com