Electronic Components Datasheet Search
  English  ▼

X  

TUSB1310 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310
Description  USB 3.0 Transceiver Data Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB1310 Datasheet HTML 4Page - Texas Instruments TUSB1310 Datasheet HTML 5Page - Texas Instruments TUSB1310 Datasheet HTML 6Page - Texas Instruments TUSB1310 Datasheet HTML 7Page - Texas Instruments TUSB1310 Datasheet HTML 8Page - Texas Instruments TUSB1310 Datasheet HTML 9Page - Texas Instruments TUSB1310 Datasheet HTML 10Page - Texas Instruments TUSB1310 Datasheet HTML 11Page - Texas Instruments TUSB1310 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
TUSB1310
SLLSE16B – DECEMBER 2009 – REVISED JUNE 2010
www.ti.com
1.3
Introduction
The TUSB1310 is a single port, 5.0-Gbps USB 3.0 physical layer transceiver operating off of a single
crystal or an external reference clock. The reference clock frequencies are selectable from 20, 25, 30, and
40 MHz. The TUSB1310 provides a clock to USB link layer controllers. The single reference clock allows
the TUSB1310 to provide a cost effective USB 3.0 solution with few external components and a minimum
implementation cost.
Link controller interfaces to the TUSB1310 are via a PIPE (SuperSpeed) and a ULPI (USB2.0) interface.
The 16-bit PIPE operates with a 250-MHz interface clock. The ULPI supports 8-bit operations with a
60-MHz interface clock.
USB 3.0 reduces active power and idle power by improving power management. The PIPE interface
controls the TUSB1310 low power states which minimizes power consumption.
SuperSpeed USB leverages existing USB software infrastructure by keeping the existing software
interfaces and software drivers. In addition the SuperSpeed USB retains backward compatibility at the
Type-A connector with USB2.0 based PCs and with USB2.0 cables.
Figure 1-1. Typical Application
1.4
Functional Block Diagram
The USB physical layer handles the low level USB protocol and signaling. This includes data serialization
and deserialization, 8b/10b encoding, analog buffers, elastic buffers and receiver detection. It shifts the
clock domain of the data from the USB rate to one that is compatible with the link layer controller.
The SuperSpeed USB contains SSTXP/SSTXN and SSRXP/SSRXP differential pairs and uses the PIPE
to communicate with the link layer controller. The Non-SuperSpeed USB has a DP/DM differential pair and
communicates with the link layer controller via the ULPI. The TUSB1310 reference clock is connected to
an internal crystal oscillator, spread spectrum clock and PLL which provides clocks to all blocks and to the
CLKOUT pin for the link layer controller.
A JTAG interface is used for IEEE1149.1 and IEEE1149.6 boundary scan.
8
PRODUCT OVERVIEW
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com