Electronic Components Datasheet Search
  English  ▼

X  

TUSB1310 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310
Description  USB 3.0 Transceiver Data Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TUSB1310 Datasheet HTML 27Page - Texas Instruments TUSB1310 Datasheet HTML 28Page - Texas Instruments TUSB1310 Datasheet HTML 29Page - Texas Instruments TUSB1310 Datasheet HTML 30Page - Texas Instruments TUSB1310 Datasheet HTML 31Page - Texas Instruments TUSB1310 Datasheet HTML 32Page - Texas Instruments TUSB1310 Datasheet HTML 33Page - Texas Instruments TUSB1310 Datasheet HTML 34Page - Texas Instruments TUSB1310 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
VDD1 P 1
VDD 1 P 8 and
Analog Power Supplies
OUT _ ENABLE
XI
RESETN
Latch - In of Hardware
Strapping Pins
ULPI _ DIR
Tcfgin
1
Drive Output
Strapping pins
Tcfgin
2
TUSB1310
www.ti.com
SLLSE16B – DECEMBER 2009 – REVISED JUNE 2010
DC CHARACTERISTICS FOR 1.8-V DIGITAL IO (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
VTX_DIFF_SS
SSTXP/SSTXN Differential p-p Tx voltage swing
0.8
1.2
V
RTX_DIFF_DC
DC differential impedance
72
120
Ω
VTX_RCV_DET
The amount of voltage change allowed during receiver detection
0.6
V
CAC_COUPLING
AC coupling capacitor
75
200
nF
RRX_DC
Receiver DC common mode impedance
18
30
Ω
RRX_DIFF_DC
DC differential impedance
72
120
Ω
VRX_LFPS_DET
LFPS detect threshold
100
300
mV
VCM_AC_LFPS
100
mV
VCM_LFPS_active
10
mV
VTX_DIFF_PP_LFPS
800
1200
mV
VDDA3P3 power consumption(2)
13
mW
VDDA1P8 power consumption(2)
77
mW
VDDA1P1 power consumption(2)
118
mW
VDD1P1 power consumption(2)
98
mW
VDD1P8 power consumption(2)
128
mW
(2)
Power consumption condition is transmitting and/or receiving (in U0) at 25°C and nominal voltages.
6.4
AC Characteristics
6.4.1
Power Up and Reset Timing
The TUSB1310 does not drive signals on any strapping pins before they are latched internally.
Figure 6-1. Power Up and Reset Timing
Table 6-1. Power Up and Reset Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
Tcfgin1
Hardware configuration latch-in time from RESETN
0
ns
Tcfgin2
Time from RESETN to dDriver outputs on strapping pins
0
ns
RESETN pulse width
1
µs
RESETN to PHY_STATUS de-assertion
300
µs
Copyright © 2009–2010, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
31
Submit Documentation Feedback
Product Folder Link(s): TUSB1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com