Electronic Components Datasheet Search
  English  ▼

X  

LMP7312 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP7312
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7312 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMP7312 Datasheet HTML 13Page - National Semiconductor (TI) LMP7312 Datasheet HTML 14Page - National Semiconductor (TI) LMP7312 Datasheet HTML 15Page - National Semiconductor (TI) LMP7312 Datasheet HTML 16Page - National Semiconductor (TI) LMP7312 Datasheet HTML 17Page - National Semiconductor (TI) LMP7312 Datasheet HTML 18Page - National Semiconductor (TI) LMP7312 Datasheet HTML 19Page - National Semiconductor (TI) LMP7312 Datasheet HTML 20Page - National Semiconductor (TI) LMP7312 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
In each case the SPI registers require 5 bits. The table below is a summary of all allowed configurations.
MSB
LSB
Gain_1
Gain_0
EN_CL
Null_SW
Hi_Z
Gain Value
(V/V)
Mode of Operation
0
0
0
0
0
0.096
Attenuation Mode
0
1
0
0
0
0.192
Attenuation Mode
1
0
0
0
0
0.384
Attenuation Mode
1
1
0
0
0
0.768
Attenuation Mode
1
0
1
0
0
1
Amplification Mode
1
1
1
0
0
2
Amplification Mode
x
x
x
x
1
–
High Impedance Output
x
x
x
1
0
1
Null Switch Mode
Daisy Chain
The LMP7312 supports daisy chaining of the serial data
stream between multiple chips. To use this feature serial data
is clocked into the first chip SDI pin, and the next chip SDI pin
is connected to the SDO pin of the first chip. Both chips may
share a chip select signal, or the second chip can be enabled
separately. When the chip select pin goes low on both chips
and 5 bits have been clocked into the first chip the next 5 clock
cycle begins moving new configuration data into the second
chip. With a full 10 clock cycles both chips have valid data and
the chip select pin of both chips should be brought high to
prevent the data from overshooting.
30075511
FIGURE 6. Daisy chain
Shared 4-wire SPI with ADC
The LMP7312 is a good choice when interfacing to differential
analog to digital converters ADC141S626 and ADC161S626
of PowerWise® Family. Its SPI interface has been designed
to enable sharing CSB with the ADC. LMP7312 register ac-
cess happens only when CSB is asserted low while SCK is
high. However, the ADC starts conversion under any of the
following conditions: (1) CSB goes low while SCK is high, (2)
CSB goes low while SCK is low, (3) CSB and SCK both going
low. Therefore, if a system uses timing condition #2 above,
LMP7312 and ADC1x1S626 can share CSB and SCK as
shown in Figure 7. The only side-effect would be that writing
to LMP7312 triggers an ADC conversion, but then the result
can be ignored. At other times, the LMP7312 is not affected
by the CSB assertions used to initiate normal ADC conver-
sions.
30075512
FIGURE 7. 4-wire SPI with ADC interface
17
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com