Electronic Components Datasheet Search
  English  ▼

X  

LMP7312 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP7312
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7312 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMP7312 Datasheet HTML 11Page - National Semiconductor (TI) LMP7312 Datasheet HTML 12Page - National Semiconductor (TI) LMP7312 Datasheet HTML 13Page - National Semiconductor (TI) LMP7312 Datasheet HTML 14Page - National Semiconductor (TI) LMP7312 Datasheet HTML 15Page - National Semiconductor (TI) LMP7312 Datasheet HTML 16Page - National Semiconductor (TI) LMP7312 Datasheet HTML 17Page - National Semiconductor (TI) LMP7312 Datasheet HTML 18Page - National Semiconductor (TI) LMP7312 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
INPUT VOLTAGE RANGE
The LMP7312 has an internal OpAmp with rail-to-rail input
voltage range capability. The requirement to stay within the
V- and V+ rail at the OpAmp input translates in an Input Volt-
age Range specification as explained in this application sec-
tion.
Differential Output
Considering a single positive supply (V- = GND, V+ = V
S) the
Input Common mode voltage, V
CM_ATT = (+VIN + (-VIN))/2 for
the Attenuation inputs and V
CM_AMP = (+IIN + (-IIN))/2 for the
Amplification inputs, has to stay between the MIN and MAX
values determined by these formulas:
CM
MAX = VS + 1/KV*(VS - VOCM)
CM
MIN = -1/KV*VOCM
K
V is a function of the Gain according to the table below:
Gain 0.096 V/
V
0.192 V/
V
0.384 V/
V
0.768 V/
V
1 V/V 2 V/V
K
V
0.12
0.218
0.414
0.806
1.065 2.096
Regardless to the values derived by the formula, the voltage
on each input pin must never exceed the specified Absolute
Maximum Ratings.
Below are some typical values:
Differential Input, Differential Output, V
S= 5V, VOCM = 2.5V
V
CM_ATT
V
CM_AMP
Gain
Min
Max
Min
Max
0.096 V/V
-15 V*
+15 V*
0.192 V/V
-11.5 V
+15 V
0.384 V/V
-6 V
+11 V
0.768 V/V
-3.1 V
+8.1 V
1 V/V
-2.3 V
+7.3 V
2 V/V
-1.2 V
+6.2 V
* Limited by the operating ratings on input pins
In the case of a single ended input referred to ground (-V
IN =
GND, -IN = GND) the table below summarizes the voltage
range allowed on the +VI
N and +IIN inputs.
Single Ended Input, Differential Output, V
S= 5V, VOCM =
2.5V, -V
IN = GND, -IIN = GND
+V
IN
+IN
Gain
Min
Max
Min
Max
0.096 V/V
-15 V*
+15 V*
0.192 V/V
-15 V*
+15 V*
0.384 V/V
-12 V**
+12 V**
0.768 V/V
-6 V**
+6 V**
1 V/V
-4.6 V**
+4.6 V**
2 V/V
-2.3 V**
+2.3 V**
* Limited by the operating ratings on input pins
** Limited by the output voltage swing (0.2V to V
S-0.2V on both + VOUT and
-V
OUT)
Single Ended Output
In this mode the LMP7312 behaves as a Difference Amplifier,
with -V
OUT/VR being the reference output voltage when a zero
volt differential input signal is applied. The voltages at the
OpAmp inputs are determined by +V
IN and -VOUT/VR voltages.
The voltage range of +V
IN and +IIN inputs is as follows:
V
MAX = VS + 1/ KV * (VS – (-VOUT/VR))
V
MIN = -1/KV * (-VOUT/VR)
Regardless of the values derived by the formula, the voltage
on each input pin must never exceed the specified Absolute
Maximum Ratings.
Below are some typical values:
Differential Input, Single Ended Output, V
S = 5V, VOCM =
GND, and -V
OUT/VR = 2.5V
+V
IN
+I
IN
Gain
Min
Max
Min
Max
0.096 V/V
-15 V*
+15 V*
0.192 V/V
-11.5 V*
+15 V
0.384 V/V
-6 V
+11 V
0.768 V/V
-3.1 V
+8.1 V
1 V/V
-2.3 V
+7.3 V
2 V/V
-1.2 V
+6.2 V
* Limited by the operating ratings on input pins
In the case of a single ended input referred to ground (-V
IN =
GND, -IN = GND) this table summarize the voltage ranges
allowed on the +V
IN and +IIN inputs.
Single Ended Input, Single Ended Output, V
S = 5V, VOCM
= GND, -V
OUT/VR = 2.5V, -VIN = GND, -IIN = GND
+V
IN
+I
IN
Gain
Min
Max
Min
Max
0.096 V/V
-15 V*
+15 V*
0.192 V/V
-11.5 V
+12 V**
0.384 V/V
-6 V**
+6 V**
0.768 V/V
-3 V**
+3 V**
1 V/V
-2.3 V**
+2.3 V**
2 V/V
-1.1 V**
+1.1 V**
* Limited by the operating ratings on input pins
** Limited by the output voltage swing (0.2V to V
S-0.2V on +VOUT )
SERIAL INTERFACE CONTROL OPERATION
The serial interface control of the LMP7312 can be supplied
with a voltage between 2.7V and 5.5V through the V
IO pin for
compatibility with different logic families present in the market.
The LMP7312 Attenuation, Amplification, Null switch and HiZ
modes are controlled by a register. Data to be written into the
control register is first loaded into the LMP7312 via the serial
interface. The serial interface employs a 5-bit shift register.
Data is loaded through the serial data input, SDI. Data pass-
ing through the shift register is obtained through the serial
data output, SDO. The serial clock, SCK controls the serial
loading process. All five data bits are required to correctly
program the device. The falling edge of CS enables the shift
register to receive data. The SCK signal must be high during
the falling edge of CS. Each data bit is clocked into the shift
register on the rising edge of SCK. Data is transferred from
the shift register to the holding register on the rising edge of
CS. Operation is shown in the timing diagram .
SPI Registers
MSB
LSB
Gain_1
Gain_0
EN_CL
Null_SW
Hi_Z
15
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com