Electronic Components Datasheet Search
  English  ▼

X  

LMP7312 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP7312
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7312 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMP7312 Datasheet HTML 1Page - National Semiconductor (TI) LMP7312 Datasheet HTML 2Page - National Semiconductor (TI) LMP7312 Datasheet HTML 3Page - National Semiconductor (TI) LMP7312 Datasheet HTML 4Page - National Semiconductor (TI) LMP7312 Datasheet HTML 5Page - National Semiconductor (TI) LMP7312 Datasheet HTML 6Page - National Semiconductor (TI) LMP7312 Datasheet HTML 7Page - National Semiconductor (TI) LMP7312 Datasheet HTML 8Page - National Semiconductor (TI) LMP7312 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but for which specific performance is not guaranteed. For guaranteed specifications and the test conditions, see Electrical Characteristics.
Note 2: Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22–A115–A (ESD MM std. of JEDEC). Field-
Induced Charge-Device Model, applicable std. JESD22–C101–C (ESD FICDM std. of JEDEC).
Note 3: The maximum power dissipation is a function of TJ(max),
θJA. The maximum allowable power dissipation at any ambient temperature is: PD(max) = (TJ
(max) – TA)/
θJA. All numbers apply for packages soldered directly onto a PC Board.
Note 4: Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating
of the device such that T
J = TA. No guarantee of parametric performance is indicated in the electrical tables under conditions of internal self-heating where TJ >
T
A.
Note 5: Typical values represent the most likely parametric norm at the time of characterization. Actual typical values may vary over time and will also depend
on the application and configuration. The typical values are not tested and are not guaranteed on shipped production material.
Note 6: All limits are guaranteed by testing, design, or statistical analysis.
Note 7: Offset voltage temperature drift is determined by dividing the change in V
OS at the temperature extremes by the total temperature change.
Note 8: V
OCM_OS is the difference between the Output Common mode voltage (+VOUT+(-VOUT/VR))/2 and the Voltage on the VOCM pin.
Note 9: The number specified is the average of rising and falling slew rates and is measured at 90% to 10%.
Note 10: Load for these tests is shown in the Test Circuit Diagram.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com