Electronic Components Datasheet Search
  English  ▼

X  

LMP7312 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP7312
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7312 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMP7312 Datasheet HTML 2Page - National Semiconductor (TI) LMP7312 Datasheet HTML 3Page - National Semiconductor (TI) LMP7312 Datasheet HTML 4Page - National Semiconductor (TI) LMP7312 Datasheet HTML 5Page - National Semiconductor (TI) LMP7312 Datasheet HTML 6Page - National Semiconductor (TI) LMP7312 Datasheet HTML 7Page - National Semiconductor (TI) LMP7312 Datasheet HTML 8Page - National Semiconductor (TI) LMP7312 Datasheet HTML 9Page - National Semiconductor (TI) LMP7312 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Connection Diagram
14-Pin SOIC
30075502
Top View
Pin Descriptions
Pin
Name
Description
1
SDI
SPI data IN
2
+IN
Non-inverting input of Amplification pair
3
-IN
Inverting input of Amplification pair
4
+V
IN
Non-inverting input of Attenuation pair
5
-V
IN
Inverting input of Attenuation pair
6
CS
SPI chip select
7
SDO
SPI data OUT
8
V
IO
SPI supply voltage
9
V+
Positive supply voltage
10
+V
OUT
Non-inverting output
11
-V
OUT/VR
Inverting output in differential output mode, reference input in single-ended operation mode
12
V
OCM
Output common mode voltage in DE
13
V−
Negative supply voltage, reference for both Analog and Digital supplies
14
SCK
SPI Clock
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
14-Pin SOIC
LMP7312MA
LMP7312MA
95 Units/Rail
M14A
LMP7312MAX
2.5k units Tape and Reel
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com