Electronic Components Datasheet Search
  English  ▼

X  

LT3741 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3741
Description  High Power, Constant Current, Constant Voltage, Step-Down Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3741 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3741 Datasheet HTML 3Page - Linear Technology LT3741 Datasheet HTML 4Page - Linear Technology LT3741 Datasheet HTML 5Page - Linear Technology LT3741 Datasheet HTML 6Page - Linear Technology LT3741 Datasheet HTML 7Page - Linear Technology LT3741 Datasheet HTML 8Page - Linear Technology LT3741 Datasheet HTML 9Page - Linear Technology LT3741 Datasheet HTML 10Page - Linear Technology LT3741 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT3741

3741f
Typical perFormance characTerisTics
Non-Overlap Time
Minimum On-Time
Minimum Off-Time
Current Regulation Accuracy
CTRL1 = 1.5V, VIN = 12V
Current Regulation Accuracy
CTRL1 = 0.75V, VIN = 12V
HG Driver RDS(ON)
LG Driver RDS(ON)
TEMPERATURE (°C)
–50
3
4
5
90
3741 G20
2
1
0
–15
20
55
125
PULL-UP
PULL-DOWN
TEMPERATURE (°C)
–50
3
4
5
90
3741 G21
2
1
0
–15
20
55
125
PULL-UP
PULL-DOWN
TEMPERATURE (°C)
–50
90
120
150
90
3741 G23
60
30
0
–15
20
55
125
HG TO LG
LG TO HG
TEMPERATURE (°C)
–50
90
120
150
90
3741 G24
60
30
0
–15
20
55
125
HG
LG
TEMPERATURE (°C)
–50
180
240
300
90
3741 G25
120
60
0
–15
20
55
125
HG
LG
OUTPUT VOLTAGE (V)
0
–3
–2
–1
0
1
2
3
2.5
5.0
7.5
10
3741 G26
25°C
OUTPUT VOLTAGE (V)
0
–6
–4
–2
0
2
4
6
2.5
5.0
7.5
10
3741 G27
25°C
Overcurrent Threshold
CTRL_H (V)
0
0
20
40
60
80
100
120
0.75
1.5
2.25
3.0
3741 G28
TEMPERATURE (°C)
–50
0.9
1.2
1.5
90
3741 G36
0.6
0.3
0
–15
20
55
125
1.2MHz
900kHz
220kHz
Oscillator Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com