Electronic Components Datasheet Search
  English  ▼

X  

LT3741 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3741
Description  High Power, Constant Current, Constant Voltage, Step-Down Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3741 Datasheet(HTML) 2 Page - Linear Technology

  LT3741 Datasheet HTML 1Page - Linear Technology LT3741 Datasheet HTML 2Page - Linear Technology LT3741 Datasheet HTML 3Page - Linear Technology LT3741 Datasheet HTML 4Page - Linear Technology LT3741 Datasheet HTML 5Page - Linear Technology LT3741 Datasheet HTML 6Page - Linear Technology LT3741 Datasheet HTML 7Page - Linear Technology LT3741 Datasheet HTML 8Page - Linear Technology LT3741 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3741

3741f
VIN Voltage................................................................40V
EN/UVLO Voltage ........................................................6V
VREF Voltage................................................................3V
CTRL1 and CTRL2 Voltage..........................................3V
SENSE+ Voltage ........................................................40V
SENSE– Voltage ........................................................40V
VC Voltage ..................................................................3V
SW Voltage ...............................................................40V
CBOOT ......................................................................46V
(Note 1)
orDer inFormaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3741EUF#PBF
LT3741EUF#TRPBF
3741
20-Lead (4mm
× 4mm) Plastic QFN
–40°C to 125°C
LT3741IUF#PBF
LT3741IUF#TRPBF
3741
20-Lead (4mm
× 4mm) Plastic QFN
–40°C to 125°C
LT3741EFE#PBF
LT3741EFE#TRPBF
LT3741FE
20-Lead Plastic TSSOP
–40°C to 125°C
LT3741IFE#PBF
LT3741IFE#TRPBF
LT3741FE
20-Lead Plastic TSSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
absoluTe maximum raTings
20 19 18 17 16
6
7
8
TOP VIEW
21
GND
UF PACKAGE
20-LEAD (4mm 4mm) PLASTIC QFN
9 10
5
4
3
2
1
11
12
13
14
15
EN/UVLO
VREF
CTRL2
GND
CTRL1
HG
GND
SYNC
RT
GND
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
FE PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
VCC_INT
GND
VIN
EN/UVLO
VREF
CTRL2
GND
CTRL1
SS
FB
LG
CBOOT
SW
HG
GND
SYNC
RT
VC
SENSE–
SENSE+
21
GND
TJMAX = 125°C, θJA = 38°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
pin conFiguraTion
CBOOT – SW Voltage..................................................6V
RT Voltage...................................................................3V
FB Voltage...................................................................3V
SS Voltage ..................................................................6V
VCC_INT Voltage...........................................................6V
SYNC Voltage..............................................................6V
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
TSSOP .............................................................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com