Electronic Components Datasheet Search
  English  ▼

X  

LT3741 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3741
Description  High Power, Constant Current, Constant Voltage, Step-Down Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3741 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3741 Datasheet HTML 15Page - Linear Technology LT3741 Datasheet HTML 16Page - Linear Technology LT3741 Datasheet HTML 17Page - Linear Technology LT3741 Datasheet HTML 18Page - Linear Technology LT3741 Datasheet HTML 19Page - Linear Technology LT3741 Datasheet HTML 20Page - Linear Technology LT3741 Datasheet HTML 21Page - Linear Technology LT3741 Datasheet HTML 22Page - Linear Technology LT3741 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT3741

3741f
20A Super Capacitor Charger with 5V Regulated Output
EN/UVLO
EN/UVLO
HG
VIN
CBOOT
VREF
CTRL1
CTRL2
LT3741
RT
SYNC
SW
LG
GND
VC
SENSE+
SENSE–
VCC_INT
100nF
L1
1.0µH
22µF
33nF
R1
2.5m
FB
10nF
47.5k
L1: IHLP4040DZER1R0M01
M1: RJK0365DPA
M2: RJK0346DPA
R1: VISHAY WSL25122L500FEA
4.7nF
82.5k
50k
38.3k
10
10
3741 TA02
12.1k
150µF
2
2.2µF
RNTC
470k
100µF
M1
M2
VIN
10V TO 36V
VOUT
20A MAXIMUM
1µF
SS
RHOT
45.3k
Efficiency and Power Loss
vs Load Current
IOUT (A)
0 2 4 6 8 10 12 14 16 18 20 22 24
3
4
6
5
3741 TA02c
2
1
0
26
VIN = 20V
VOUT = 5V
ILIMIT = 20A
VOUT vs IOUT
LOAD CURRENT (A)
0
100
90
80
70
95
75
85
30
25
10
20
0
15
5
15
3741 TA02b
25
20
10
5
EFFICIENCY
POWER LOSS
VIN = 20V
VOUT = 5V
Typical applicaTions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com