Electronic Components Datasheet Search
  English  ▼

X  

LT3741 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3741
Description  High Power, Constant Current, Constant Voltage, Step-Down Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3741 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3741 Datasheet HTML 2Page - Linear Technology LT3741 Datasheet HTML 3Page - Linear Technology LT3741 Datasheet HTML 4Page - Linear Technology LT3741 Datasheet HTML 5Page - Linear Technology LT3741 Datasheet HTML 6Page - Linear Technology LT3741 Datasheet HTML 7Page - Linear Technology LT3741 Datasheet HTML 8Page - Linear Technology LT3741 Datasheet HTML 9Page - Linear Technology LT3741 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT3741

3741f
Typical perFormance characTerisTics
VCC_INT Load Reg at 12V
Regulated Current vs VFB
Overvoltage Threshold
Overvoltage Timeout
Regulated Sense Voltage
Common Mode Lockout
CBOOT-SW UVLO Voltage
VCC_INT UVLO
TEMPERATURE (°C)
–50
1.50
1.75
2.00
2.25
2.50
2.75
3.00
–15
20
55
90
3741 G11
125
TEMPERATURE (°C)
–50
2.50
2.75
3.00
3.25
3.50
3.75
4.00
–15
20
55
90
3741 G12
125
ILOAD (mA)
0
5.2
5.6
6.0
40
3741 G13
4.8
4.4
4.0
10
20
30
60
50
25°C
VFB (V)
1.10
–200
–150
–100
–50
0
50
100
150
1.15
1.25
1.20
1.30
3741 G14
1.35
130°C
–50°C
TEMPERATURE (°C)
–50
1.35
1.45
1.75
1.65
1.55
100
3741 G15
1.25
–25
0
25
50
75
125
TEMPERATURE (°C)
–50
15
17
19
90
3741 G16
13
11
9
–15
20
55
125
VCTRL (V)
0
0
10
20
30
40
50
60
0.5
1.0
1.5
3741 G17
2.0
TEMPERATURE (°C)
–50
1.5
2.0
2.5
90
3741 G18
1.0
0.5
0
–15
20
55
125
VIN = 6V
VIN = 36V
MEASURED VIN – VOUT
Internal UVLO
TEMPERATURE (°C)
–50
4.0
4.5
5.0
90
3741 G10
3.5
3.0
–15
20
55
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com