Electronic Components Datasheet Search
  English  ▼

X  

LT3741 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3741
Description  High Power, Constant Current, Constant Voltage, Step-Down Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3741 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3741 Datasheet HTML 4Page - Linear Technology LT3741 Datasheet HTML 5Page - Linear Technology LT3741 Datasheet HTML 6Page - Linear Technology LT3741 Datasheet HTML 7Page - Linear Technology LT3741 Datasheet HTML 8Page - Linear Technology LT3741 Datasheet HTML 9Page - Linear Technology LT3741 Datasheet HTML 10Page - Linear Technology LT3741 Datasheet HTML 11Page - Linear Technology LT3741 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT3741

3741f
Typical perFormance characTerisTics
VOUT vs IOUT
IOUT (A)
0
2
4
6
8
1
3
5
7
9
10
15
25
20
3741 G22
5
0
10
VIN = 25V
VOUT = 20V
ILIMIT = 9.5A
VOUT vs IOUT
IOUT (A)
0
2
4
6
8 10 12 14 16 18
6
8
12
10
3741 G33
4
2
0
20
VIN = 24V
VOUT = 10V
ILIMIT = 18A
LOAD CURRENT (A)
0
100
90
80
70
95
75
85
30
25
10
20
0
15
5
15
3741 G29
25
20
10
5
EFFICIENCY
POWER LOSS
VIN = 20V
VOUT = 5V
Efficiency and Power Loss
vs Load Current
IOUT (A)
0 2 4 6 8 10 12 14 16 18 20 22 24
3
4
6
5
3741 G19
2
1
0
26
VIN = 20V
VOUT = 5V
ILIMIT = 24A
VOUT vs IOUT
Efficiency and Power Loss
vs Load Current
Efficiency and Power Loss
vs Load Current
LOAD CURRENT (A)
0
100
90
70
50
80
60
40
95
75
55
85
65
45
12
10
4
8
0
6
2
15
3741 G37
20
10
5
EFFICIENCY
POWER LOSS
VIN = 24V
VOUT = 10V
LOAD CURRENT (A)
0
100
90
80
70
95
75
85
4.8
4.0
1.6
3.2
0
2.4
0.8
6
3741 G30
10
8
4
2
EFFICIENCY
POWER LOSS
VIN = 25V
VOUT = 20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com