Electronic Components Datasheet Search
  English  ▼

X  

LTC3829 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3829
Description  3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3829 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3829 Datasheet HTML 3Page - Linear Technology LTC3829 Datasheet HTML 4Page - Linear Technology LTC3829 Datasheet HTML 5Page - Linear Technology LTC3829 Datasheet HTML 6Page - Linear Technology LTC3829 Datasheet HTML 7Page - Linear Technology LTC3829 Datasheet HTML 8Page - Linear Technology LTC3829 Datasheet HTML 9Page - Linear Technology LTC3829 Datasheet HTML 10Page - Linear Technology LTC3829 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
LTC3829

3829f
Typical perForMance characTerisTics
Current Sense Threshold
vs ITH Voltage
Maximum Current Sense Threshold
vs Common Mode Voltage
Maximum Current Sense Voltage
vs Duty Cycle
Maximum Current Sense Voltage
vs Feedback Voltage
(Current Foldback)
TK/SS Pull-Up Current
vs Temperature
Quiescent Current vs Input
Voltage without EXTVCC
INTVCC Line Regulation
INPUT VOLTAGE (V)
0
2.00
2.50
2.25
3.00
2.75
3.50
3.25
4.75
4.50
4.25
4.00
3.75
5.25
5
10
15
20
3829 G09
25
40
30
35
5.00
VITH (V)
0
–40
–20
0
20
40
60
80
0.5
1
1.5
2
3829 G10
ILIM = INTVCC
ILIM = FLOAT
ILIM = GND
VSENSE COMMON MODE VOLTAGE (V)
0
0
10
30
40
50
2
4
5
90
3829 G11
20
1
3
60
70
80
ILIM = INTVCC
ILIM = FLOAT
ILIM = GND
TEMPERATURE (°C)
–50
1.1
1.2
1.3
1.4
1.5
–25
0
25
50
3829 G14
75
100 125
INPUT VOLTAGE (V)
4
3.5
3.7
4.1
4.3
4.5
5.5
4.9
14
24
3829 G08
3.9
5.1
5.3
4.7
34
40
DUTY CYCLE (%)
0
60
80
100
80
3829 G12
40
20
50
70
90
30
10
0
20
10
40
30
60 70
90
50
100
ILIM = INTVCC
ILIM = FLOAT
ILIM = GND
FEEDBACK VOLTAGE (V)
0
60
80
100
0.4
0.5
3829 G13
40
20
50
70
90
30
10
0
0.1
0.2
0.3
0.6
ILIM = INTVCC
ILIM = FLOAT
ILIM = GND
Shutdown (RUN) Threshold
vs Temperature
TEMPERATURE (°C)
–50
1.0
1.1
1.2
1.3
ON
OFF
1.4
–25
0
25
50
3829 G15
75
100 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com