Electronic Components Datasheet Search
  English  ▼

X  

LTC3829 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3829
Description  3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3829 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3829 Datasheet HTML 28Page - Linear Technology LTC3829 Datasheet HTML 29Page - Linear Technology LTC3829 Datasheet HTML 30Page - Linear Technology LTC3829 Datasheet HTML 31Page - Linear Technology LTC3829 Datasheet HTML 32Page - Linear Technology LTC3829 Datasheet HTML 33Page - Linear Technology LTC3829 Datasheet HTML 34Page - Linear Technology LTC3829 Datasheet HTML 35Page - Linear Technology LTC3829 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
LTC3829

3829f
applicaTions inForMaTion
Minimum On-Time Considerations
Minimum on-time, tON(MIN), is the smallest time duration
that the LTC3829 is capable of turning on the top MOSFET.
It is determined by internal timing delays and the gate
charge required to turn on the top MOSFET. Low duty
cycle applications may approach this minimum on-time
limit and care should be taken to ensure that:
t
V
V f
ON MIN
OUT
IN
(
) <
( )
If the duty cycle falls below what can be accommodated
by the minimum on-time, the controller will begin to skip
cycles. The output voltage will continue to be regulated,
but the ripple voltage and current will increase. The
minimum on-time for the LTC3829 is approximately 90ns,
with reasonably good PCB layout, minimum 30% induc-
tor current ripple and at least 10mV ripple on the current
sense signal. The minimum on-time can be affected by
PCB switching noise in the voltage and current loop. As
the peak sense voltage decreases the minimum on-time
gradually increases to 130ns. This is of particular concern
in forced continuous applications with low ripple current
at light loads. If the duty cycle drops below the minimum
on-time limit in this situation, a significant amount of cycle
skipping can occur with correspondingly larger current
and voltage ripple.
Figure 15. Relationship Between Oscillator
Frequency and Voltage at the FREQ Pin
Figure 16. Phase-Locked Loop Block Diagram
FREQ PIN VOLTAGE (V)
0
0.5
1
1.5
2
38501 F15
2.5
0
100
300
400
500
900
800
700
200
600
DIGITAL
PHASE/
FREQUENCY
DETECTOR
VCO
2.4V 5V
10µA
RSET
3829 F16
FREQ
SYNC
EXTERNAL
OSCILLATOR
PLLIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com