Electronic Components Datasheet Search
  English  ▼

X  

LTC3829 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC3829
Description  3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3829 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC3829 Datasheet HTML 19Page - Linear Technology LTC3829 Datasheet HTML 20Page - Linear Technology LTC3829 Datasheet HTML 21Page - Linear Technology LTC3829 Datasheet HTML 22Page - Linear Technology LTC3829 Datasheet HTML 23Page - Linear Technology LTC3829 Datasheet HTML 24Page - Linear Technology LTC3829 Datasheet HTML 25Page - Linear Technology LTC3829 Datasheet HTML 26Page - Linear Technology LTC3829 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
LTC3829

3829f
applicaTions inForMaTion
where N is the number of output stages,
δ is the tem-
perature dependency of RDS(ON), RDR is the effective top
driverresistance(approximately2ΩatVGS=VMILLER),VIN
is the drain potential and the change in drain potential in
the particular application. VTH(IL) is the data sheet speci-
fied typical gate threshold voltage specified in the power
MOSFET data sheet at the specified drain current. CMILLER
is the calculated capacitance using the gate charge curve
from the MOSFET data sheet and the technique described
above.
BothMOSFETshaveI2RlosseswhilethetopsideN-channel
equation includes an additional term for transition losses,
which peak at the highest input voltage. For VIN < 20V,
the high current efficiency generally improves with larger
MOSFETs, while for VIN > 20V, the transition losses rapidly
increase to the point that the use of a higher RDS(ON)device
with lower CMILLERactuallyprovideshigherefficiency.The
synchronous MOSFET losses are greatest at high input
voltage when the top switch duty factor is low or during
a short-circuit when the synchronous switch is on close
to 100% of the period.
The term (1 +
δ ) is generally given for a MOSFET in the
form of a normalized RDS(ON) vs temperature curve, but
δ = 0.005/°C can be used as an approximation for low
voltage MOSFETs.
The optional Schottky diodes conduct during the dead
time between the conduction of the two large power
MOSFETs. This prevents the body diode of the bottom
MOSFET from turning on, storing charge during the dead
time and requiring a reverse-recovery period which could
cost as much as several percent in efficiency. A 2A to 8A
Schottky is generally a good compromise for both regions
of operation due to the relatively small average current.
Larger diodes result in additional transition loss due to
their larger junction capacitance.
CIN and COUT Selection
In continuous mode, the source current of each top
N-channel MOSFET is a square wave of duty cycle VOUT/
VIN. A low ESR input capacitor sized for the maximum
RMS current must be used. The details of a close form
equation can be found in Application Note 77. Figure 10
showstheinputcapacitorripplecurrentfordifferentphase
configurations with the output voltage fixed and input volt-
age varied. The input ripple current is normalized against
the DC output current. The graph can be used in place of
tedious calculations. The minimum input ripple current
can be achieved when the product of phase number and
output voltage, N(VOUT), is approximately equal to the
input voltage VIN or:
V
V
k
N
where k
N
OUT
IN
=
= , ,..., –
1 2
1
So the phase number can be chosen to minimize the input
capacitor size for the given input and output voltages. In
the graph of Figure 10, the local maximum input RMS
capacitor currents are reached when:
V
V
k
N
where k
N
OUT
IN
=
=
2 1
1 2
–
, ,...,
Theseworst-caseconditionsarecommonlyusedfordesign
becauseevensignificantdeviationsdonotoffermuchrelief.
Note that capacitor manufacturer’s ripple current ratings
are often based on only 2000 hours of life. This makes
it advisable to further derate the capacitor or to choose
a capacitor rated at a higher temperature than required.
Several capacitors may also be paralleled to meet size or
height requirements in the design. Always consult the
capacitor manufacturer if there is any question.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com