Electronic Components Datasheet Search
  English  ▼

X  

LTC3829 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3829
Description  3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3829 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3829 Datasheet HTML 10Page - Linear Technology LTC3829 Datasheet HTML 11Page - Linear Technology LTC3829 Datasheet HTML 12Page - Linear Technology LTC3829 Datasheet HTML 13Page - Linear Technology LTC3829 Datasheet HTML 14Page - Linear Technology LTC3829 Datasheet HTML 15Page - Linear Technology LTC3829 Datasheet HTML 16Page - Linear Technology LTC3829 Datasheet HTML 17Page - Linear Technology LTC3829 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
LTC3829

3829f
operaTion (Refer to Functional Diagram)
A phase-locked loop (PLL) is available on the LTC3829
to synchronize the internal oscillator to an external clock
source that is connected to the PLLIN pin. The PLL loop
filter network is integrated inside the LTC3829. The phase-
locked loop is capable of locking any frequency within
the range of 250kHz to 770kHz. The frequency setting
resistor should always be present to set the controller’s
initial switching frequency before locking to the external
clock. The controller is operating in forced continuous
mode when it is synchronized.
Sensing the Output Voltage with a
Differential Amplifier
The LTC3829 includes a low offset, unity-gain, high band-
widthdifferentialamplifierforapplicationsthatrequiretrue
remote sensing. Sensing the load across the load capaci-
torsdirectlygreatlybenefitsregulationinhighcurrent,low
voltage applications, where board interconnection losses
can be a significant portion of the total error budget.
TheLTC3829differentialamplifierhasatypicaloutputslew
rate of 2V/µs. The amplifier is configured for unity gain,
meaning that the difference between DIFFP and DIFFN is
translated to DIFFOUT, relative to SGND.
Care should be taken to route the DIFFP and DIFFN PCB
traces parallel to each other all the way to the terminals
of the output capacitor or remote sensing points on the
board. In addition, avoid routing these sensitive traces
near any high speed switching nodes in the circuit. Ideally,
the DIFFP and DIFFN traces should be shielded by a low
impedance ground plane to maintain signal integrity.
The maximum output voltage when using the differential
amplifierisINTVCC–1.4V(typically3.6V).Abovethisoutput
voltage the differential amplifier should not be used.
Power Good (PGOOD Pin)
The PGOOD pin is connected to an open drain of an
internal N-channel MOSFET. The MOSFET turns on and
pulls the PGOOD pin low when the VFB pin voltage is not
within ±10% of the 0.6V reference voltage. The PGOOD
pin is also pulled low when the RUN pin is below 1.22V or
when the LTC3829 is in the soft-start or tracking phase.
When the VFB pin voltage is within the ±10% regulation
window, the MOSFET is turned off and the pin is allowed
to be pulled up by an external resistor to a source of up
to 6V. The PGOOD pin will flag power good immediately
when the VFBpiniswithintheregulationwindow.However,
there is an internal 100µs power-bad mask when the VFB
goes out of the window.
Output Overvoltage Protection
An overvoltage comparator, OV, guards against transient
overshoots (>10%) as well as other more serious condi-
tions that may overvoltage the output. In such cases, the
topMOSFETisturnedoffandthebottomMOSFETisturned
on until the overvoltage condition is cleared.
Undervoltage Lockout
The LTC3829 has two functions that help protect the
controller in case of undervoltage conditions. A precision
UVLO comparator constantly monitors the INTVCCvoltage
to ensure that an adequate gate-drive voltage is present. It
locks out the switching action when INTVCC is below 3.3V.
To prevent oscillation when there is a disturbance on the
INTVCC, the UVLO comparator has 600mV of precision
hysteresis.
Anotherwaytodetectanundervoltageconditionistomoni-
tor the VIN supply. Because the RUN pin has a precision
turn-on reference of 1.22V, one can use a resistor divider
to VIN to turn on the IC when VIN is high enough. An extra
4.5µA of current flows out of the RUN pin once the RUN
pin voltage passes 1.22V. The RUN comparator itself has
about 80mV of hysteresis. One can program additional
hysteresis for the RUN comparator by adjusting the val-
ues of the resistive divider. For accurate VIN undervoltage
detection, VIN needs to be higher than 4.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com