Electronic Components Datasheet Search
  English  ▼

X  

LTC3829 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3829
Description  3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3829 Datasheet(HTML) 1 Page - Linear Technology

  LTC3829 Datasheet HTML 1Page - Linear Technology LTC3829 Datasheet HTML 2Page - Linear Technology LTC3829 Datasheet HTML 3Page - Linear Technology LTC3829 Datasheet HTML 4Page - Linear Technology LTC3829 Datasheet HTML 5Page - Linear Technology LTC3829 Datasheet HTML 6Page - Linear Technology LTC3829 Datasheet HTML 7Page - Linear Technology LTC3829 Datasheet HTML 8Page - Linear Technology LTC3829 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LTC3829

3829f
3-Phase, Single Output
Synchronous Step-Down
DC/DC Controller with Diffamp
Typical applicaTion
DescripTion
TheLTC®3829isahighperformance3-phasesingleoutput
synchronous step-down DC/DC switching controller that
drives all N-channel synchronous power MOSFET stages.
A constant frequency current mode architecture allows a
phase-lockablefrequencyofupto770kHz.Powerlossand
noise due to ESR of the input capacitors are minimized by
operating the three controller output stages out of phase.
The LTC3829 can be configured for 6-phase operation,
has DCR temperature compensation, and output foldback
current limiting. This device features a precision 0.6V
reference and a power good indicator.
Light load efficiency is optimized by using a choice of
output Stage Shedding or Burst Mode operation. A dif-
ferential amplifier provides true remote sensing of the
output voltage at the point of load.
The LTC3829 is available in both low profile 38-pin 5mm
× 7mm QFN and Exposed Pad FE packages.
FeaTures
applicaTions
n
Optional Nonlinear Control for Fast Response
n
±0.75%, 0.6V Reference Accuracy
n
PWM, Stage Shedding™ or Burst Mode® Operation
n
High Efficiency: Up to 95%
n
RSENSE or DCR Current Sensing
n
Programmable DCR Temperature Compensation
n
Phase-Lockable Fixed Frequency: 250kHz to 770kHz
n
True Remote Sense Differential Amplifier
n
Programmable Active Voltage Positioning (AVP)
n
Triple N-Channel MOSFET Synchronous Drive
n
Wide VIN Range: 4.5V to 38V Operation
n
VOUT Range: 0.6V to 5V without Diffamp
n
VOUT Range: 0.6V to 3.3V with Diffamp
n
Clock Input and Output for 6-Phase Operation
n
Adjustable Soft-Start or VOUT Tracking
n
38-Pin (5mm
× 7mm) QFN and FE Packages
n
Notebook and Palmtop Computers
n
Telecom Systems
n
Portable Instruments
n
DC Power Distribution Systems
+
+
INTVCC
BOOST1
BOOST2
BOOST3
FREQ
ITH
TK/SS
SENSE1+
SENSE1–
PGND
BG1
SW1
TG1
4.7µF
SW3 SW2 SW1
0.1µF
680pF
100k
5k
20k
20k
22µF
35V
3
VIN
6V TO 28V
COUT
470µF
4V
4
VOUT
1.2V
50A
SENSE2+
SENSE2–
BG2
SW2
TG2
SENSE3+
SENSE3–
BG3
SW3
TG3
SGND
DIFFOUT
VFB
DIFFN
DIFFP
0.6µH
VIN
VIN
0.002
0.6µH 0.002
0.6µH
3829 TA01
0.002
VIN
LTC3829
L
, LT, LTC, LTM, Burst Mode, OPTI-LOOP, PolyPhase, Linear Technology, the Linear logo are
registered trademarks and Stage Shedding, No RSENSE are trademarks of Linear Technology
Corporation. All other trademarks are the property of their respective owners. Protected by
U.S. Patents, including 5481178, 5705919, 5929620, 6144194, 6177787, 6580258, 6498466,
6674274, 6611136.
LOAD CURRENT (A)
0.1
70
75
80
85
90
1
10
100
3829 TA01b
65
60
55
50
95
100
4
6
8
10
12
2
0
14
16
VIN = 12V
VOUT = 1.5V
EFFICIENCY
POWER LOSS
Efficiency


Similar Part No. - LTC3829

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3829 LINER-LTC3829 Datasheet
349Kb / 30P
550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3829 LINER-LTC3829 Datasheet
398Kb / 32P
2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3829 LINER-LTC3829 Datasheet
721Kb / 54P
Dual, Fast, Accurate Step-Down DC/DC Controller
LTC3829 LINER-LTC3829 Datasheet
696Kb / 50P
Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
LTC3829 LINER-LTC3829 Datasheet
465Kb / 36P
Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
More results

Similar Description - LTC3829

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
Synchronous Step-Down DC-DC Controller
logo
Linear Technology
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
Synchronous Step-Down DC/DC Controller
LTC3773 LINER-LTC3773 Datasheet
466Kb / 32P
Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
LTC3856 LINER-LTC3856 Datasheet
2Mb / 40P
2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3839 LINER-LTC3839 Datasheet
696Kb / 50P
Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
Synchronous Step-Down DC/DC Controller
LTC3856 LINER-LTC3856_15 Datasheet
2Mb / 40P
2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3773 LINER-LTC3773_15 Datasheet
479Kb / 32P
Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
LTC3829 LINER-LTC3829_15 Datasheet
441Kb / 40P
3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3839 LINER-LTC3839_15 Datasheet
701Kb / 50P
Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller with Differential Output Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com