Electronic Components Datasheet Search
  English  ▼

X  

ADS1258IPHPREP Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IPHPREP
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1258IPHPREP Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 24Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 25Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 26Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 27Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 28Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 29Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 30Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 31Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
DRDY
DRDY
SCLK
SCLK
DRDY with SCLK
DRDY without SCLK
t
DRDYPLS
t
DRDYPLS =
1
f
CLK
ADS1258-EP
SBAS445C – MARCH 2009 – REVISED DECEMBER 2009
www.ti.com
Data Ready Output (DRDY)
DRDY is usually connected to an interrupt of a
controller, DSP, or connected to a controller port pin
The DRDY pin is an output that asserts low to
for polling in a software loop. Channel data can be
indicate when new channel data is available to read
read without the use of DRDY. Read the data using
(the previous conversion data is lost). DRDY returns
the register format read and check the Status Byte
high after the first falling edge of SCLK during a data
when the NEW bit = 1, which indicates new channel
read operation. If the data is not read (no SCLK
data.
pulses), DRDY remains low until new channel data is
available once again. DRDY then pulses high, then
Output Data Scaling and Over-Range
low to indicate new data is available; see Figure 53.
The ADS1258 is scaled such that the output data
code resulting from an input voltage equal to ±VREF
has
a
margin
of
6.6%
before
clipping.
This
architecture allows operation of applied input signals
at or near full-scale without overloading the converter.
Specifically, the device is calibrated so that:
1LSB = VREF/780000h,
and the output clips when:
|VIN| ≥ 1.06 × VREF.
Table 8 summarizes the ideal output codes versus
input signals.
Figure 53. DRDY Timing
(See Figure 2 for the DRDY Pulse)
Table 8. Ideal Output Code vs Input Signal
INPUT SIGNAL VIN
(ADCINP – ADCINN)
IDEAL OUTPUT CODE(1)
DESCRIPTION
≥ +1.06 VREF
7FFFFFh
Maximum Positive Full-Scale Before Output Clipping
+VREF
780000h
VIN = +VREF
+1.06 VREF/(2
23 – 1)
000001h
+1LSB
0
000000h
Bipolar Zero
–1.06 VREF/(2
23 – 1)
FFFFFFh
–1LSB
–VREF
87FFFFh
VIN = –VREF
≤ –1.06 VREF × (2
23/223 – 1)
800000h
Maximum Negative Full-Scale Before Output Clipping
(1)
Excludes effects of noise, linearity, offset, and gain errors.
28
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com