Electronic Components Datasheet Search
  English  ▼

X  

ADS1258IPHPREP Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IPHPREP
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1258IPHPREP Datasheet(HTML) 40 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 36Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 37Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 38Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 39Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 40Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 41Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 42Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 43Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
ADS1258-EP
SBAS445C – MARCH 2009 – REVISED DECEMBER 2009
www.ti.com
Bit 3
CLKENB
This bit enables the clock output on pin CLKIO. The clock output originates from the device crystal
oscillator and PLL circuit.
0 = Clock output on CLKIO disabled.
1 = Clock output on CLKIO enabled (default).
Note: If the CLKSEL pin is set to '1', the CLKIO pin is a clock input only. In this case, setting this bit
has no effect.
Bit 2
CHOP
This bit enables the chopping feature on the external multiplexer loop.
0 = Chopping Disabled (default)
1 = Chopping Enabled
The chopping feature corrects for offset originating from components used in the external multiplexer
loop; see the External Chopping section.
Note that for Internal System readings (Temperature, VCC, Gain, and Reference), the CHOP bit must
be 0.
Bit 1
STAT Status Byte Enable
When reading channel data from the ADS1258, a status byte is normally included with the conversion
data. However, in some ADS1258 operating modes, the status byte can be disabled. Table 13, Status
Byte, shows the modes of operation and the data read formats in which the status byte can be
disabled.
0 = Status Byte Disabled
1 = Status Byte Enabled (default)
Table 13. Status Byte
CHANNEL DATA
CHANNEL DATA
MODE
READ COMMAND
READ DIRECT
Auto-Scan
Always Enabled
Enabled/Disabled by STAT Bit
Fixed-Channel
Always Enabled (Byte is Undefined)
Always Disabled
Bit 0
Must be 0
40
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com