Electronic Components Datasheet Search
  English  ▼

X  

ADS1258IPHPREP Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IPHPREP
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1258IPHPREP Datasheet(HTML) 36 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 32Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 33Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 34Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 35Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 36Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 37Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 38Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 39Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
DRDY
NEW Bit
Data Reads
(register format)
ADS1258-EP
SBAS445C – MARCH 2009 – REVISED DECEMBER 2009
www.ti.com
CHANNEL DATA
The data read operation outputs either four bytes (one byte for status and three bytes for data), or three bytes for
data only. The selection of 4-byte or 3-byte data read is set by the bit STAT in register CONFIG0 (see Table 13,
Status Byte, for options). In the 4-byte read, the first byte is the status byte and the following three bytes are the
data bytes. The MSB (Data23) of the data is shifted out first.
Table 10. CHANNEL DATA FORMAT
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
1
STATUS
NEW
OVF
SUPPLY
CHID4
CHID3
CHID2
CHID1
CHID0
2
MSB
Data23
Data22
Data21
Data20
Data19
Data18
Data17
Data16
3
MSB-1
Data15
Data14
Data13
Data12
Data11
Data10
Data9
Data8
4
LSB
Data7
Data6
Data5
Data4
Data3
Data2
Data1
Data0
STATUS BYTE
BIT STATUS.7, NEW
The NEW bit is set when the results of a Channel Data Read Command returns new channel data. The bit
remains set indefinitely until the channel data is read. When the channel data is read again before the converter
updates with new data, the previous data is output and the NEW bit is cleared. If the channel data is not read
before the next conversion update, the data from the previous conversion is lost. As shown in Figure 62, the
NEW bit emulates the operation of the DRDY output pin. To emulate the function of the DRDY output pin in
software, the user reads data at a rate faster than the converter's data rate. The user then polls the NEW bit to
detect for new channel data.
0 = Channel data has not been updated since the last read operation.
1 = Channel data has been updated since the last read operation.
Figure 62. NEW Bit Operation
BIT STATUS.6 OVF
When this bit is set, this indicates the differential voltage applied to the ADC inputs have exceeded the range of
the converter |VIN| > 1.06 VREF. During over-range, the output code of the converter clips to either positive FS
(VIN ≥ 1.06 × VREF) or negative FS (VIN ≤
–1.06 × VREF). This bit, with the MSB of the data, can be used to
detect positive or negative over-range conditions. Note that because of averaging incorporated within the digital
filter, the absence of this bit does not assure that the modulator of the ADC has not saturated due to possible
transient input overload conditions.
BIT STATUS.5 SUPPLY
This bit indicates that the analog power-supply voltage (AVDD – AVSS) is below a preset limit. The SUPPLY bit
is set when the value falls below 4.3 V (typically) and is reset when the value rises 50mV higher (typically) than
the lower trip point. The output data of the ADC may not be valid under low power-supply conditions.
BITS CHID[4:0] CHANNEL ID BITS
The Channel ID bits indicate the measurement channel of the acquired data. Note that for Fixed-Channel mode,
the Channel ID bits are undefined. See Table 11 for the channel ID, the measurement priority, and the channel
description for Auto-Scan Mode.
36
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com