Electronic Components Datasheet Search
  English  ▼

X  

SN75185DW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75185DW
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75185DW Datasheet(HTML) 4 Page - Texas Instruments

  SN75185DW Datasheet HTML 1Page - Texas Instruments SN75185DW Datasheet HTML 2Page - Texas Instruments SN75185DW Datasheet HTML 3Page - Texas Instruments SN75185DW Datasheet HTML 4Page - Texas Instruments SN75185DW Datasheet HTML 5Page - Texas Instruments SN75185DW Datasheet HTML 6Page - Texas Instruments SN75185DW Datasheet HTML 7Page - Texas Instruments SN75185DW Datasheet HTML 8Page - Texas Instruments SN75185DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.ti.com
Absolute Maximum Ratings(1)
SN75185
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS181D–DECEMBER 1994–REVISED JANUARY 2006
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC Supply voltage (2)
10
V
VDD Supply voltage(2)
15
V
VSS
Supply voltage(2)
–15
V
Driver
–15
7
Input voltage range
V
Receiver
–30
30
Driver output voltage range
–15
15
V
Receiver low-level output current
20
mA
DB package
70
DW package
58
θJA
Package thermal impedance(3)(4)
°C/W
N package
69
PW package
83
TJ
Operating virtual junction temperature
150
°C
RS-232 pins, class 3, A(5)
10
Human-Body Model
kV
All pins, class 3, A(6)
3.5
Electrostatic discharge
RS-232 pins, class 3, B(7)
600
Machine Model
V
All pins, class 3, B(5)
250
Tstg
Storage temperature range
–65
150
°C
(1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltages are with respect to the network ground terminal.
(3) Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD =(TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4) The package thermal impedance is calculated in accordance with JESD 51-7.
(5) RS-232 pins are tested with respect to ground and to each other.
(6) Per MIL-PRF-38535
(7) RS-232 pins are tested with respect to ground.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com