Electronic Components Datasheet Search
  English  ▼

X  

SN75185DW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN75185DW
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75185DW Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN75185DW Datasheet HTML 7Page - Texas Instruments SN75185DW Datasheet HTML 8Page - Texas Instruments SN75185DW Datasheet HTML 9Page - Texas Instruments SN75185DW Datasheet HTML 10Page - Texas Instruments SN75185DW Datasheet HTML 11Page - Texas Instruments SN75185DW Datasheet HTML 12Page - Texas Instruments SN75185DW Datasheet HTML 13Page - Texas Instruments SN75185DW Datasheet HTML 14Page - Texas Instruments SN75185DW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
INPUT THRESHOLD VOLTAGE
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
VT−
VT+
2.4
2.2
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0
10
2030
40
5060
70
INPUT THRESHOLD VOLTAGE
vs
SUPPLY VOLTAGE
VCC − Supply Voltage − V
VT−
VT+
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
2
345
6
7
8
9
10
0
0.2
MAXIMUM SUPPLY VOLTAGE
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
RL ≥ 3 kΩ
(from each output to GND)
16
14
12
10
8
6
4
2
0
0
10
2030
4050
60
70
NOISE REJECTION
CC = 300 pF
VCC = 5 V
TA = 25°C
See Note A
tw − Pulse Duration − ns
CC = 500 pF
CC = 12 pF
CC = 100 pF
NOTE A: This figure shows the maximum amplitude of a positive-going
pulse that, starting from 0 V, will not cause a change in the
output level.
6
5
4
3
2
1
0
10
40
100
400
1000
4000 10000
SN75185
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS181D–DECEMBER 1994–REVISED JANUARY 2006
ABC
RECEIVER SECTION
Figure 11.
Figure 12.
Figure 13.
Figure 14.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com