Electronic Components Datasheet Search
  English  ▼

X  

SN75185DW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN75185DW
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75185DW Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75185DW Datasheet HTML 6Page - Texas Instruments SN75185DW Datasheet HTML 7Page - Texas Instruments SN75185DW Datasheet HTML 8Page - Texas Instruments SN75185DW Datasheet HTML 9Page - Texas Instruments SN75185DW Datasheet HTML 10Page - Texas Instruments SN75185DW Datasheet HTML 11Page - Texas Instruments SN75185DW Datasheet HTML 12Page - Texas Instruments SN75185DW Datasheet HTML 13Page - Texas Instruments SN75185DW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
VOLTAGE TRANSFER CHARACTERISTICS
VDD = 6 V, VSS = −6 V
VI − Input Voltage − V
VDD = 12 V, VSS = −12 V
VDD = 9 V, VSS = −9 V
RL = 3 kΩ
TA = 25°C
12
9
6
3
0
−3
−6
−9
−12
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
OUTPUT CURRENT
vs
OUTPUT VOLTAGE
VO − Output Voltage − V
3-kΩ
Load Line
VDD = 9 V
VSS = −9 V
TA = 25°C
VOL (VI = 1.9 V)
8
4
0
−4
−8
−12
−16
−20
12
16
20
−16
−12
−8
−4
0
4
8
12
16
VOH (VI = 0.8 V)
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
IOS(H) (VI = 0.8 V)
IOS(L) (VI = 1.9 V)
VDD = 9 V
VSS = −9 V
VO = 0
12
9
6
3
0
−3
−6
−9
0
1020
30
4050
60
70
−12
SLEW RATE
vs
LOAD CAPACITANCE
CL − Load Capacitance − pF
VDD = 9 V
VSS = −9 V
RL = 3 kΩ
TA = 25°C
1000
100
10
1
10
100
1000
10000
SN75185
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS181D–DECEMBER 1994–REVISED JANUARY 2006
ABC
DRIVER SECTION
Figure 7.
Figure 8.
Figure 9.
Figure 10.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com