Electronic Components Datasheet Search
  English  ▼

X  

SN75185DW Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN75185DW
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75185DW Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN75185DW Datasheet HTML 8Page - Texas Instruments SN75185DW Datasheet HTML 9Page - Texas Instruments SN75185DW Datasheet HTML 10Page - Texas Instruments SN75185DW Datasheet HTML 11Page - Texas Instruments SN75185DW Datasheet HTML 12Page - Texas Instruments SN75185DW Datasheet HTML 13Page - Texas Instruments SN75185DW Datasheet HTML 14Page - Texas Instruments SN75185DW Datasheet HTML 15Page - Texas Instruments SN75185DW Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
www.ti.com
APPLICATION INFORMATION
VDD
VSS
±15 V
Output
VDD
VSS
SN75185
SN75185
11
12
13
14
15
16
17
18
19
20
GND
RY5
DA3
RY4
DA2
DA1
RY3
RY2
RY1
VCC
VSS
RA5
DY3
RA4
DY2
DY1
RA3
RA2
RA1
VDD
10
9
8
7
6
5
4
3
2
1
43
37
40
13
36
11
41
42
RI
DTR
CTS
SO
RTS
SI
DSR
DCD
R1
DTR
CTS
TX
RTS
RX
DSR
DCD
SN75185
5 V
TL16C450
ACE
1
5
6
9
12 V
−12 V
TIA/EIA-232-F
DB9S
Connector
C1(1)
C3(1)
C2(1)
SN75185
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS181D–DECEMBER 1994–REVISED JANUARY 2006
Diodes placed in series with the VDD and VSS leads protect the SN75185 in the fault condition. In the fault
condition, the device outputs are shorted to ±15 V, and the power supplies are at low and provide low-impedance
paths to ground (see Figure 15).
Figure 15. Power-Supply Protection to Meet Power-Off Fault Conditions of TIA/EIA-232-F
(1) See Figure 10 to select the correct values for the loading capacitors (C1, C2, and C3), which are required to meet the
RS-232 maximum slew-rate requirement of 30 V/μs. The value of the loading capacitors required depends on the line
length and desired slew rate, but typically is 330 pF.
Figure 16. Typical Connection
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com