Electronic Components Datasheet Search
  English  ▼

X  

SN75185DW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75185DW
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75185DW Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75185DW Datasheet HTML 4Page - Texas Instruments SN75185DW Datasheet HTML 5Page - Texas Instruments SN75185DW Datasheet HTML 6Page - Texas Instruments SN75185DW Datasheet HTML 7Page - Texas Instruments SN75185DW Datasheet HTML 8Page - Texas Instruments SN75185DW Datasheet HTML 9Page - Texas Instruments SN75185DW Datasheet HTML 10Page - Texas Instruments SN75185DW Datasheet HTML 11Page - Texas Instruments SN75185DW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
IOS(L)
−IOS(H)
VI
VO
VDD or GND
VSS or GND
RL = 3 kΩ
−IIL
IIH
VI
VI
Pulse
Generator
(see Note B)
CL
(see Note A)
RL
3 V
0 V
1.5 V
1.5 V
Input
tPHL
tPLH
90%
50%
10%
50%
10%
90%
tTHL
tTLH
VOH
VOL
TEST CIRCUIT
VOLTAGE WAVEFORMS
Input
Output
Output
VI
VT,
VI
IOL
VOH
−IOH
VOL
SN75185
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS181D–DECEMBER 1994–REVISED JANUARY 2006
Figure 1. Driver Test Circuit for VOH,VOL,IOS(H),and IOS(L)
Figure 2. Driver Test Circuit for IIH and IIL
A.
CL includes probe and jig capacitance.
B.
The pulse generator has the following characteristics: tw =25 μs, PRR = 20 kHz, ZO =50 Ω,tr =tf <50ns.
Figure 3. Driver Test Circuit and Voltage Waveforms
Figure 4. Receiver Test Circuit for IOS
Figure 5. Receiver Test Circuit for VT,VOH,and VOL
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com