Electronic Components Datasheet Search
  English  ▼

X  

TLC5926IPWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5926IPWPR
Description  16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5926IPWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC5926IPWPR Datasheet HTML 3Page - Texas Instruments TLC5926IPWPR Datasheet HTML 4Page - Texas Instruments TLC5926IPWPR Datasheet HTML 5Page - Texas Instruments TLC5926IPWPR Datasheet HTML 6Page - Texas Instruments TLC5926IPWPR Datasheet HTML 7Page - Texas Instruments TLC5926IPWPR Datasheet HTML 8Page - Texas Instruments TLC5926IPWPR Datasheet HTML 9Page - Texas Instruments TLC5926IPWPR Datasheet HTML 10Page - Texas Instruments TLC5926IPWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Recommended Timing
TLC5926, TLC5927
www.ti.com ....................................................................................................................................................................................................... SLVS677 – JULY 2008
VDD = 3 V to 5.5 V (unless otherwise noted)
TEST CONDITIONS
MIN
MAX
UNIT
tw(L)
LE(ED1) pulse duration
Normal mode
20
ns
tw(CLK)
CLK pulse duration
Normal mode
20
ns
tw(OE)
OE(ED2) pulse duration
Normal mode
1000
ns
tsu(D)
Setup time for SDI
Normal mode
7
ns
th(D)
Hold time for SDI
Normal mode
3
ns
tsu(L)
Setup time for LE(ED1)
Normal mode
18
ns
th(L)
Hold time for LE(ED1)
Normal mode
18
ns
tw(CLK)
CLK pulse duration
Error Detection mode
20
ns
tw(ED2)
OE(ED2) pulse duration
Error Detection mode
2000
ns
tsu(ED1)
Setup time for LE(ED1)
Error Detection mode
7
ns
th(ED1)
Hold time for LE(ED1)
Error Detection mode
10
ns
tsu(ED2)
Setup time for OE(ED2)
Error Detection mode
7
ns
th(ED2)
Hold time for OE(ED2)
Error Detection mode
10
ns
fCLK
Clock frequency
Cascade operation, VDD = 3 V to 5.5 V
30
MHz
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TLC5926 TLC5927



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com