Electronic Components Datasheet Search
  English  ▼

X  

TLC5926IPWPR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5926IPWPR
Description  16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5926IPWPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC5926IPWPR Datasheet HTML 11Page - Texas Instruments TLC5926IPWPR Datasheet HTML 12Page - Texas Instruments TLC5926IPWPR Datasheet HTML 13Page - Texas Instruments TLC5926IPWPR Datasheet HTML 14Page - Texas Instruments TLC5926IPWPR Datasheet HTML 15Page - Texas Instruments TLC5926IPWPR Datasheet HTML 16Page - Texas Instruments TLC5926IPWPR Datasheet HTML 17Page - Texas Instruments TLC5926IPWPR Datasheet HTML 18Page - Texas Instruments TLC5926IPWPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
APPLICATION INFORMATION
Operating Principles
Constant Current
Adjusting Output Current
140
120
80
40
0
0
500
1000
1500
2000
2500
3000
3500
4000
R
–
ext
W
100
TLC5926, TLC5927
www.ti.com ....................................................................................................................................................................................................... SLVS677 – JULY 2008
In LED display applications, TLC5926/TLC5927 provides nearly no current variations from channel to channel
and from IC to IC. While IOUT ≤ 50 mA, the maximum current skew between channels is less than ±6% and
between ICs is less than ±6%.
TLC5926/TLC5927 scales up the reference current, Iref, set by the external resistor Rext to sink a current, Iout, at
each output port. Users can follow the below formulas to calculate the target output current IOUT,target in the
saturation region:
VR-EXT = 1.26 V × VG
Iref = VR-EXT/Rext, if another end of the external resistor Rext is connected to ground.
IOUT,target = Iref × 15 × 3
CM – 1
Where Rext is the resistance of the external resistor connected to the R-EXT terminal, and VR-EXT is the voltage of
R-EXT, which is controlled by the programmable voltage gain (VG), which is defined by the Configuration Code.
The Current Multiplier (CM) determines that the ratio IOUT,target/Iref is 15 or 5. After power on, the default value of
VG is 127/128 = 0.992, and the default value of CM is 1, so that the ratio IOUT,target/Iref = 15. Based on the default
VG and CM.
VR-EXT = 1.26 V × 127/128 = 1.25 V
IOUT,target = (1.25 V/Rext) × 15
Therefore, the default current is approximately 52 mA at 360
Ω and 26 mA at 720 Ω. The default relationship
after power on between IOUT,target and Rext is shown in Figure 11.
Figure 11. Default Relationship Curve Between IOUT,target and Rext
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): TLC5926 TLC5927



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com