Electronic Components Datasheet Search
  English  ▼

X  

TLC5926IPWPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5926IPWPR
Description  16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5926IPWPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC5926IPWPR Datasheet HTML 12Page - Texas Instruments TLC5926IPWPR Datasheet HTML 13Page - Texas Instruments TLC5926IPWPR Datasheet HTML 14Page - Texas Instruments TLC5926IPWPR Datasheet HTML 15Page - Texas Instruments TLC5926IPWPR Datasheet HTML 16Page - Texas Instruments TLC5926IPWPR Datasheet HTML 17Page - Texas Instruments TLC5926IPWPR Datasheet HTML 18Page - Texas Instruments TLC5926IPWPR Datasheet HTML 19Page - Texas Instruments TLC5926IPWPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Operation Phases
Operation Mode Switching
1
2
3
4
5
1
0
1
1
1
0
0
0
0
0
Actual Mode
(Normal or Special)
Mode
Switching
Normal
Mode
CLK
OE(ED2)
LE(ED1)
Phase
1
2
3
4
5
1
0
1
1
1
1
0
0
0
0
Actual Mode
(Normal or Special)
Mode
Switching
Special
Mode
CLK
OE(ED2)
LE(ED1)
Phase
Switching to Special Mode
Switching to Normal Mode
Normal Mode Phase
Special Mode Phase
TLC5926, TLC5927
SLVS677 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
In order to switch between its two modes, TLC5926/TLC5927 monitors the signal OE(ED2). When a
one-clock-wide pulse of OE(ED2) appears, TLC5926/TLC5927 enters the two-clock-period transition phase, the
Mode Switching phase. After power on, the default operation mode is the Normal Mode (see Figure 12).
Figure 12. Mode Switching
As shown in Figure 12, once a one-clock-wide short pulse (101) of OE(ED2) appears, TLC5926/TLC5927 enters
the Mode Switching phase. At the fourth rising edge of CLK, if LE(ED1) is sampled as voltage high,
TLC5926/TLC5927 switches to Special mode; otherwise, it switches to Normal mode.The signal LE(ED1)
between the third and the fifth rising edges of CLK cannot latch any data. Its level is used only to determine into
which mode to switch. However, the short pulse of OE(ED2) can still enable the output ports. During mode
switching, the serial data can still be transferred through SDI and shifted out from SDO.
NOTES:
1. The signal sequence for the mode switching may be used frequently to ensure that the TLC5926/TLC5927 is
in the proper mode.
2. The 1 and 0 on the LE(ED1) signal are sampled at the rising edge of CLK. The X means its level does not
affect the result of mode switching mechanism.
3. After power on, the default operation mode is Normal mode.
Serial data is transferred into TLC5926/TLC5927 via SDI, shifted in the Shift Register, and output via SDO.
LE(ED1) can latch the serial data in the Shift Register to the Output Latch. OE(ED2) enables the output drivers to
sink current. These functions differ only as described in Operation Mode Switching, in which case, a short pulse
triggers TLC5926/TLC5927 to switch the operation mode. However, as long as LE(ED1) is high in the Mode
Switching phase, TLC5926/TLC5927 remains in the Normal mode, as if no mode switching occurred.
In the Special mode, as long as OE(ED2) is not low, the serial data is shifted to the Shift Register via SDI and
shifted out via SDO, as in the Normal mode. However, there are two differences between the Special Mode and
the Normal Mode, as shown in the following sections.
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5926 TLC5927



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com